Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1829ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1829ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1829ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP1829
Rev. 0 | Page 18 of 32
SETTING THE CURRENT LIMIT
The current-limit comparator measures the voltage across the
low-side MOSFET to determine the load current.
The current limit is set through the current-limit resistor, RCL.
The current sense pins, CSL1 and CSL2, source 50 μA through
their respective RCL. This creates an offset voltage of RCL multiplied
by the 50 μA CSL current. When the drop across the low-side
MOSFET RDSON is equal to or greater than this offset voltage, the
ADP1829 flags a current-limit event.
Because the CSL current and the MOSFET RDSON vary over
process and temperature, the minimum current limit should be
set to ensure that the system can handle the maximum desired
load current. To do this, use the peak current in the inductor,
which is the desired current-limit level plus the ripple current,
the maximum RDSON of the MOSFET at its highest expected
temperature, and the minimum CSL current.
μA
44
)
(MAX
DSON
LPK
CL
R
I
R
=
(15)
where
ILPK is the peak inductor current.
In addition, the ADP1829 offers a technique for implementing
a current-limit foldback in the event of a short circuit with the
use of an additional resistor, as shown in Figure 25. Resistor RLO
is largely responsible for setting the foldback current limit during
a short circuit, and RHI is mainly responsible for setting up the
normal current limit. RLO is lower than RHI. These current-limit
sense resistors can be calculated by
μA
44
)
(
MAX
DSON
PKFOLDBACK
LO
R
I
R
=
(16)
μA
44
)
(
−
=
LO
MAX
DSON
LPK
OUT
HI
R
R
I
V
R
(17)
where:
IPKFOLDBACK is the desired short circuit peak inductor current limit.
ILPK is the peak inductor current limit during normal operation
and is also used in Equation 15.
ADP1829
DH
DL
CSL
VIN
M1
M2
RLO
RHI
L
COUT
VOUT
Figure 25. Short Circuit Current Foldback Scheme
Because the buck converters are usually running fairly high
current, PCB layout and component placement may affect the
current-limit setting. An iteration of the RCL or RLO and RHI
values may be required for a particular board layout and
MOSFET selection. If alternate MOSFETs are substituted at
some point in production, these resistor values may also need
an iteration.
FEEDBACK VOLTAGE DIVIDER
The output regulation voltage is set through the feedback
voltage divider. The output voltage is reduced through the
voltage divider and drives the FB feedback input. The regulation
threshold at FB is 0.6 V. The maximum input bias current into
FB is 100 nA. For a 0.15% degradation in regulation voltage and
with 100 nA bias current, the low-side resistor, RBOT, needs to be
less than 9 kΩ, which results in 67 μA of divider current. For
RBOT, use 1 kΩ to 10 kΩ. A larger value resistor can be used, but
would result in a reduction in output voltage accuracy due to
the input bias current at the FB pin, while lower values cause
increased quiescent current consumption. Choose RTOP to set
the output voltage by using the following equation:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
FB
FB
OUT
BOT
TOP
V
V
V
R
R
(18)
where:
RTOP is the high-side voltage divider resistance.
RBOT is the low-side voltage divider resistance.
VOUT is the regulated output voltage.
VFB is the feedback regulation threshold, 0.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com