Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1829ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1829ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1829ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP1829
Rev. 0 | Page 20 of 32
The rest of the system gain is needed to reach 0 dB at crossover.
The total gain of the system, therefore, is given by
AT = AMOD + AFILTER + ACOMP
(26)
where:
AMOD is the gain of the PWM modulator.
AFILTER is the gain of the LC filter including the effects of
the ESR zero.
ACOMP is the gain of the compensated error amplifier.
Additionally, the phase of the system must be brought back up
to guarantee stability. Note from the bode plot of the filter that
the LC contributes −180° of phase shift. Additionally, because
the error amplifier is an integrator at low frequency, it contrib-
utes an initial −90°. Therefore, before adding compensation or
accounting for the ESR zero, the system is already down −270°.
To avoid loop inversion at crossover, or −180° phase shift, a
good initial practical design is to require a phase margin of 60°,
which is therefore an overall phase loss of −120° from the initial
low frequency dc phase. The goal of the compensation is to
boost the phase back up from −270° to −120° at crossover.
The two common compensation schemes used are sometimes
referred to as Type II or Type III compensation, depending on
whether the compensation design includes two or three poles.
(Dominant-pole compensations, or single-pole compensation,
is referred to as Type I compensation, but unfortunately, it is not
very useful for dealing successfully with switching regulators.)
If the zero produced by the ESR of the output capacitor provides
sufficient phase boost at crossover, Type II compensation is
adequate. If the phase boost produced by the ESR of the output
capacitor is not sufficient, another zero is added to the
compensation network, and thus, Type III is used.
In Figure 27, the location of the ESR zero corner frequency
gives significantly different net phase at the crossover frequency.
Use the following guidelines for selecting between Type II and
Type III compensators:
If
2
CO
ESRZ
f
f
, use Type II compensation.
If
2
CO
ESRZ
f
f
>
, use Type III compensation.
GAIN
FREQUENCY
PHASE
LC FILTER BODE PLOT
PHASE CONTRIBUTION AT CROSSOVER
OF VARIOUS ESR ZERO CORNERS
fSW
fCO
fESR3
fESR2
fESR1
0dB
fLC
–40dB/dec
–20dB/dec
–90°
–180°
Φ1
Φ2
Φ3
Figure 27. LC Filter Bode Plot
The following equations were used for the calculation of the
compensation components as shown in Figure 28 and Figure 29:
I
Z
Z1
C
R
f
π
=
2
1
(27)
)
(
2
1
FF
TOP
FF
Z2
R
R
C
f
+
π
=
(28)
HF
I
HF
I
Z
P1
C
C
C
C
R
f
+
π
=
2
1
(29)
FF
FF
P2
C
R
f
π
=
2
1
(30)
where:
fZ1 is the zero produced in the Type II compensation.
fZ2 is the zero produced in the Type III compensation.
fP1 is the pole produced in the Type II compensation.
fP2 in the pole produced in the Type III compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com