Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1829ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1829ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1829ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADP1829
Rev. 0 | Page 25 of 32
PCB LAYOUT GUIDELINES
In any switching converter, some circuit paths carry high dI/dt,
which can create spikes and noise. Other circuit paths are
sensitive to noise. Still others carry high dc current and can
produce significant IR voltage drops. The key to proper PCB
layout of a switching converter is to identify these critical paths
and arrange the components and copper area accordingly.
When designing PCB layouts, be sure to keep high current
loops small. In addition, keep compensation and feedback
components away from the switch nodes and their associated
components.
The following is a list of recommended layout practices for the
ADP1829, arranged by decreasing order of importance:
• The current waveform in the top and bottom FETs is a pulse
with very high dI/dt, so the path to, through, and from each
individual FET should be as short as possible and the two
paths should be commoned as much as possible. In designs
that use a pair of D-Pak or SO-8 FETs on one side of the
PCB, it is best to counter-rotate the two so that the switch
node is on one side of the pair and the high-side drain can
be bypassed to the low-side source with a suitable ceramic
bypass capacitor, placed as close as possible to the FETs in
order to minimize inductance around this loop through the
FETs and capacitor. The recommended bypass ceramic
capacitor values range from 1 μF to 22 μF depending upon
the output current. This bypass capacitor is usually
connected to a larger value bulk filter capacitor and should
be grounded to the PGND plane.
• GND, VREG bypass, soft start capacitor, and the bottom
end of the output feedback divider resistors should be tied
to an (almost isolated) small AGND plane. All of these
connections should have connections from the pin to the
AGND plane that are as short as possible. No high current
or high dI/dt signals should be connected to this AGND
plane. The AGND area should be connected through one
wide trace to the negative terminal of the output filter
capacitors.
• The PGND pin handles high dI/dt gate drive current
returning from the source of the low-side MOSFET. The
voltage at this pin also establishes the 0 V reference for the
overcurrent limit protection (OCP) function and the CSL
pin. A small PGND plane should connect the PGND pin
and the PVCC bypass capacitor through a wide and direct
path to the source of the low-side MOSFET. The placement
of CIN is critical for controlling ground bounce. The negative
terminal of CIN needs to be placed very close to the source of
the low-side MOSFET.
• Avoid long traces or large copper areas at the FB and CSL
pins, which are low signal level inputs that are sensitive to
capacitive and inductive noise pickup. It is best to position
any series resistors and capacitors as closely as possible to
these pins. Avoid running these traces close and parallel to
high dI/dt traces.
• The switch node is the noisiest place in the switcher circuit
with large ac and dc voltage and current. This node should
be wide to keep resistive voltage drop down. However, to
minimize the generation of capacitively coupled noise, the
total area should be small. Place the FETs and inductor all
close together on a small copper plane in order to minimize
series resistance and keep the copper area small.
• Gate drive traces (DH and DL) handle high dI/dt, so tend to
produce noise and ringing. They should be as short and
direct as possible. If possible, avoid using feedthrough vias
in the gate drive traces. If vias are needed, it is best to use
two relatively large ones in parallel to reduce the peak
current density and the current in each via. If the overall
PCB layout is less than optimal, slowing down the gate drive
slightly can be very helpful to reduce noise and ringing. It is
occasionally helpful to place small value resistors (such as
5 Ω or 10 Ω) in series with the gate leads, mainly DH traces
to the high-side FET gates. These can be populated with 0 Ω
resistors if resistance is not needed. Note that the added gate
resistance increases the switching rise and fall times, and
that also increases the switching power loss in the MOSFET.
• The negative terminal of output filter capacitors should be
tied closely to the source of the low-side FET. Doing this
helps to minimize voltage difference between GND and
PGND at the ADP1829.
• Generally, be sure that all traces are sized according to the
current that will be handled as well as their sensitivity in the
circuit. Standard PCB layout guidelines mainly address
heating effects of current in a copper conductor. These are
completely valid, but they do not fully cover other concerns
such as stray inductance or dc voltage drop. Any dc voltage
differential in connections between ADP1829 GND and the
converter power output ground can cause a significant
output voltage error because it affects converter output
voltage according to the ratio with the 600 mV feedback
reference. For example, a 6 mV offset between ground on
the ADP1829 and the converter power output causes a 1%
error in the converter output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com