Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1829ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1829ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1829ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADP1829
Rev. 0 | Page 26 of 32
LFCSP PACKAGE CONSIDERATIONS
The LFCSP package has an exposed die paddle on the bottom
that efficiently conducts heat to the PCB. To achieve the
optimum performance from the LFCSP package, give special
consideration to the layout of the PCB. Use the following layout
guidelines for the LFCSP package.
The pad pattern is given in Figure 36. The pad dimension
should be followed closely for reliable solder joints while
maintaining reasonable clearances to prevent solder bridging.
•
The thermal pad of the LFCSP package provides a low
thermal impedance path to the PCB. Therefore, the PCB
must be properly designed to effectively conduct the heat
away from the package. This is achieved by adding thermal
vias to the PCB, which provide a thermal path to the inner
or bottom layers. See Figure 36 for the recommended via
pattern. Note that the via diameter is small. This prevents
the solder from flowing through the via and leaving voids
in the thermal pad solder joint.
Note that the thermal pad is attached to the die substrate,
so the planes that the thermal pad is connected to must be
electrically isolated or connected to GND.
•
The solder mask opening should be about 120 microns
(4.7 mils) larger than the pad size, resulting in a minimum
60 microns (2.4 mils) clearance between the pad and the
solder mask.
•
The paste mask opening is typically designed to match the
pad size used on the peripheral pads of the LFCSP package.
This should provide a reliable solder joint as long as the
stencil thickness is about 0.125 mm.
•
The paste mask for the thermal pad needs to be designed
for the maximum coverage to effectively remove the heat
from the package. However, due to the presence of thermal
vias and the large size of the thermal pad, eliminating voids
may not be possible. In addition, if the solder paste
coverage is too large, solder joint defects may occur.
Therefore, it is recommended to use multiple small
openings instead of a single big opening in designing the
paste mask. The recommended paste mask pattern is given
in Figure 36. This pattern results in about 80% coverage,
which should not degrade the thermal performance of the
package significantly.
•
The recommended paste mask stencil thickness is 0.125 mm.
A laser cut stainless steel stencil with trapezoidal walls
should be used.
•
A no clean, Type 3 solder paste should be used for mounting
the LFCSP package. In addition, a nitrogen purge during
the reflow process is recommended.
•
The package manufacturer recommends that the reflow
temperature not exceed 220°C and the time above liquid be
less than 75 seconds. The preheat ramp should be 3°C/sec
or lower. The actual temperature profile depends on the
board density; the assembly house must determine what
works best.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com