Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1829ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1829ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1829ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1829ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1829ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP1829
Rev. 0 | Page 24 of 32
Setting the Channel 2 Undervoltage Threshold for
Ratiometric Tracking
THERMAL CONSIDERATIONS
The current required to drive the external MOSFETs comprises
the vast majority of the power dissipation of the ADP1829. The
on-chip LDO regulates down to 5 V, and this 5 V supplies the
drivers. The full gate drive current passes through the LDO and
is then dissipated in the gate drivers. The power dissipated on
the gate drivers on the ADP1829 is
If FB2 is regulated to a voltage lower than 0.6 V by configuring
TRK2 for ratiometric tracking, the Channel 2 undervoltage
threshold can be set appropriately by splitting the top resistor in
the voltage divider, as shown in Figure 33. RBOT is the same as
calculated for the compensation in Equation 52, and
B
A
TOP
R
R
R
+
=
(53)
)
(
2
DL
2
DH
1
DL
1
DH
SW
IN
D
Q
Q
Q
Q
f
V
P
+
+
+
=
(57)
550mV
750mV
POK2
UV2
FB2
CHANNEL 2
OUTPUT
VOLTAGE
RA
RB
RBOT
TO ERROR
AMPLIFIER
where:
VIN is the voltage applied to IN.
fSW is the switching frequency.
Q numbers are the total gate charge specifications from the
selected MOSFET data sheets.
The power dissipation heats the ADP1829. As the switching
frequency, the input voltage, and the MOSFET size increase, the
power dissipation on the ADP1829 increases. Care must be taken
not to exceed the maximum junction temperature. To calculate
the junction temperature from the ambient temperature and
power dissipation,
JA
D
A
J
θ
P
T
T
+
=
(58)
Figure 33. Setting the Channel 2 Undervoltage Threshold
The current in all the resistors is the same:
A
UV
OUT
B
FB
UV
BOT
FB
R
V
V
R
V
V
R
V
2
2
2
2
2
−
=
−
=
(54)
The thermal resistance, θJA, of the package is typically 40°C/W
depending on board layout, and the maximum specified
junction temperature is 125°C, which means that at maximum
ambient of 85°C without airflow, the maximum dissipation
allowed is about 1 W.
where:
VUV2 is 600 mV.
VFB2 is the feedback voltage value set during the ratiometric
tracking calculations.
VOUT2 is the Channel 2 output voltage.
A thermal shutdown protection circuit on the ADP1829 shuts
off the LDO and the controllers if the die temperature exceeds
approximately 145°C, but this is a gross fault protection only
and should not be relied upon for system reliability.
Solving for RA and RB,
(
)
2
2
2
FB
UV
OUTA
BOT
A
V
V
V
R
R
−
=
(55)
(
)
2
2
2
FB
FB
UV
BOT
B
V
V
V
R
R
−
=
(56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com