Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7682 Datasheet(PDF) 12 Page - Exar Corporation

Part # SP7682
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682 Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP7682 Datasheet HTML 8Page - Exar Corporation SP7682 Datasheet HTML 9Page - Exar Corporation SP7682 Datasheet HTML 10Page - Exar Corporation SP7682 Datasheet HTML 11Page - Exar Corporation SP7682 Datasheet HTML 12Page - Exar Corporation SP7682 Datasheet HTML 13Page - Exar Corporation SP7682 Datasheet HTML 14Page - Exar Corporation SP7682 Datasheet HTML 15Page - Exar Corporation SP7682 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 12
APPLICATIONS INFORMATION
I
2C Specifications
The I
2C protocol defines any device that sends data
to the bus as a transmitter and any device that reads
the data as a receiver. The device that controls the
data transfer is known as the master and the other
device as the slave. The master will always initiate a
data transfer and will provide the serial clock for
synchronization.
Data input format:
S
SP7682 Address
7-bit
R/
W
1/0
A
Data for
Status1
8-bit
A
Data for
Status2
8-bit
A
Data
For
LED
8-bit
A
Data
for
Flash
8-bit
A
SP
SP7682 I
2C Slave Address Map: (7-bit Default Address: 0x28)
Fuses
Device Address
R/W
1/0
7-bit
address
Hex
Fuse1
Fuse0
A7
A6
A5
A4
A3
A2
A1
A0
A7-A1
0
0
0
1
0
1
0
0
0
0
0x28
0
1
0
1
0
0
0
0
0
0
0x20
1
0
0
1
1
1
0
0
0
0
0x38
1
1
0
1
1
0
0
0
0
0
0x30
Theory of Operation - I²C Serial Interface
The SP7682 has four data registers which can be
programmed serially via the I²C interface. The first
register is a status register which has two bits used
for shutdown/power up options, 4 bits used for
individual backlight LED ON/OFF control, and 2 bits
for charge pump mode.
The second STATUS
register contains settings of the FLASH time-out,
Temperature OK, Voltage OK, and Flash time-out
expired conditions. After the Flash timeout has
expired the FTO bit will toggle on and then off for
intervals set by the TDO bits. The next two registers
are used to set the brightness levels of the backlight
LEDs and Flash LED.
The register bits are as follows:
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
STATUS1
WZ
WP
PMP0
PMP1
LED0
LED1
LED2
LED3
STATUS2
TOUT0
TOUT1
TD0
TD1
TOK
VOK
FTO
dc
LEDS
D5
D4
D3
D2
D1
D0
dc
dc
FLASH
D5
D4
D3
D2
D1
D0
dc
dc
Acknowledge, sent by slave when R/
W =0
Or, sent by master when R/
W =1
Stop
condition
Start
Condition
Acknowledge,
sent by slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com