Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7682 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7682
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682 Datasheet(HTML) 2 Page - Exar Corporation

  SP7682 Datasheet HTML 1Page - Exar Corporation SP7682 Datasheet HTML 2Page - Exar Corporation SP7682 Datasheet HTML 3Page - Exar Corporation SP7682 Datasheet HTML 4Page - Exar Corporation SP7682 Datasheet HTML 5Page - Exar Corporation SP7682 Datasheet HTML 6Page - Exar Corporation SP7682 Datasheet HTML 7Page - Exar Corporation SP7682 Datasheet HTML 8Page - Exar Corporation SP7682 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in the
operation sections of the specifications below is not implied.
Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
VCC, Enable, SCL, SDA, VFLASH, VLED..............-0.3V to 6.0V
Power Dissipation………………………….Internally limited
1
Storage Temperature..……..………………-65
°C to 150 °C
Junction Temperature................................-40
°C to +125°C
ESD @ LED pins……………...…………………+/-4kV HBM
ESD all other pins………….…………………....+/-2kV HBM
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: VIN =3.6V, CIN=4.7uF, COUT=2.2uF, CFLY=1uF, TA = -40°C to +85°C, Tj=-40°C to +125°C.
Bold
values apply over the full operating temperature range (-40
°C to 85°C).
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Operating VIN Range
2.7
5.5
V
Operating Input Current
2
mA
Quiescent Current
25
μA
Standby Mode
Shutdown Supply Current
0.01
1
μA
VEN = 0V (shutdown), Ta = 25°C
ILED Voltage for DAC=000000
0
mA
Measure LED1-LED4 and FLASH pins
ILED for DAC=000001
0.5
mA
Measure current into LED1-LED4
ILED for DAC=111111
30.2
31.5
34.8
mA
Measure current into LED1-LED4
IFLASH for DAC=000001
10
mA
Measure current into FLASH
IFLASH for DAC=110010
465
500
535
mA
Measure current into FLASH
Current DAC Resolution
6
Bit
Backlight Current DAC LSB
0.5
mA
Flash Current DAC LSB
10
mA
DAC Current Accuracy
-7
7
%
5mA< ILED<30mA, 80mA< IFLASH<500mA
Switching Frequency
1.9
2.4
2.9
MHz
Equivalent Resistance, 1x mode
1.0
1.8
Ohm
Iout=200mA
Equivalent Resistance, 1.5x mode
10
Ohm
Iout=80mA
Equivalent Resistance, 2x mode
8
Ohm
Iout=500mA
LEDx Pin dropout voltage
0.25
V
ILED=20mA, measure mode switching
FLASH Pin dropout voltage
0.25
V
IFLASH=200mA, measure mode switching
Thermal Regulation
0.01
%/
°C
Thermal Shutdown Die Temperature
150
160
170
°C
Driver turns off
Thermal Shutdown Hysteresis
20
°C
Driver turns on again
Over-current Protection
0.7
1.2
A
Vout =0V
Over-voltage protection
5.4
6.0
V
Vout open
Settle time (TS) after last count
100
μs
To 1x mode from STANDBY mode
SDA, SCL, SETB, SETFL input logic low
voltage
0.4
V
SDA, SCL, SETB, SETFL input logic
high voltage
1.6
V
Turn-off time (TOFF) into shutdown
50
μs
EN pin high to low
Time Duration before standby, SP7682
2
4
6
s
TD0=TD1=0V, IFLASH>ITHRESHOLD (defined by
bits TOUT0, TOUT1)
Time Duration before standby, SP7682A
1
2
3
s
IFLASH>ITHRESHOLD = 230mA
Enable logic low voltage
0.4
V
Driver shutdown
Enable logic high voltage
1.6
V
Driver enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com