Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7682 Datasheet(PDF) 19 Page - Exar Corporation

Part # SP7682
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682 Datasheet(HTML) 19 Page - Exar Corporation

Back Button SP7682 Datasheet HTML 11Page - Exar Corporation SP7682 Datasheet HTML 12Page - Exar Corporation SP7682 Datasheet HTML 13Page - Exar Corporation SP7682 Datasheet HTML 14Page - Exar Corporation SP7682 Datasheet HTML 15Page - Exar Corporation SP7682 Datasheet HTML 16Page - Exar Corporation SP7682 Datasheet HTML 17Page - Exar Corporation SP7682 Datasheet HTML 18Page - Exar Corporation SP7682 Datasheet HTML 19Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 19
ORDERING INFORMATION
Part Number
Control
Interface
Min
Temp ºC
Max
Temp ºC
RoHS
Theta JA
ºC/W
MSL Level
Pack Type
Quantity Package
SP7682ER1-L
I
2C
-40
85
Yes
33.3
L3 @ 260ºC
Canister
Any
3x3 16 Pin
QFN
SP7682ER1-L/TR
I
2C
-40
85
Yes
33.3
L3 @ 260ºC
Tape & Reel
3000
3x3 16 Pin
QFN
SP7682EB
I
2C
-40
85
Board
SP7682AER1-L
Single
Wire
-40
85
Yes
33.3
L3 @ 260ºC
Canister
Any
3x3 16 Pin
QFN
SP7682AER1-
L/TR
Single
Wire
-40
85
Yes
33.3
L3 @ 260ºC
Tape & Reel
3000
3x3 16 Pin
QFN
SP7682AEB
Single
Wire
-40
85
Board
Not Applicable to Eval Board
Not Applicable to Eval Board
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Application Notes:
http://www.sipex.com/applicationNotes.aspx
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or
reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right,
and makes no representation that the circuits are free of patent infringement. Charts and schedules contained here in are only for illustration purposes
and may vary depending upon a user’s specific application. While the information in this publication has been carefully checked; no responsibility,
however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com