Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7682 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP7682
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP7682 Datasheet HTML 3Page - Exar Corporation SP7682 Datasheet HTML 4Page - Exar Corporation SP7682 Datasheet HTML 5Page - Exar Corporation SP7682 Datasheet HTML 6Page - Exar Corporation SP7682 Datasheet HTML 7Page - Exar Corporation SP7682 Datasheet HTML 8Page - Exar Corporation SP7682 Datasheet HTML 9Page - Exar Corporation SP7682 Datasheet HTML 10Page - Exar Corporation SP7682 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 7
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, Typical Application Circuit, TA = 25
°C unless otherwise noted.
Backlight VOUT Efficiency
50
55
60
65
70
75
80
85
90
95
100
3.0
3.3
3.6
3.9
4.2
Vin (V)
4LEDs=15mA
4LEDs=20mA
4LEDs=25mA
Backlight & Flash VOUT Efficiency
50
55
60
65
70
75
80
85
90
95
100
3.0
3.3
3.6
3.9
4.2
Vin (V)
4LEDs=20mA,Flash=0mA
4LEDs=20mA,Flash=100mA
4LEDs=20mA,Flash=200mA
Backlight Output Current Vs VIN
50
60
70
80
90
100
110
3.0
3.3
3.6
3.9
4.2
Vin (V)
4LEDs=15mA
4LEDs=20mA
4LEDs=25mA
Backlight & Flash Output Current Vs VIN
50
100
150
200
250
300
3.0
3.3
3.6
3.9
4.2
Vin (V)
4LEDs=20mA,Flash=0mA
4LEDs=20mA,Flash=100mA
4LEDs=20mA,Flash=200mA
Backlight LED Efficiency
50
55
60
65
70
75
80
85
90
95
100
3.0
3.3
3.6
3.9
4.2
Vin (V)
4LEDs=15mA
4LEDs=20mA
4LEDs=25mA
Backlight & Flash LED Efficiency
50
55
60
65
70
75
80
85
90
95
100
3.0
3.3
3.6
3.9
4.2
Vin (V)
4LEDs=20mA,Flash=0mA
4LEDs=20mA,Flash=100mA
4LEDs=20mA,Flash=200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com