Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7682 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP7682
Description  Backlight and Flash Driver in QFN 3mm x 3mm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7682 Datasheet(HTML) 1 Page - Exar Corporation

  SP7682 Datasheet HTML 1Page - Exar Corporation SP7682 Datasheet HTML 2Page - Exar Corporation SP7682 Datasheet HTML 3Page - Exar Corporation SP7682 Datasheet HTML 4Page - Exar Corporation SP7682 Datasheet HTML 5Page - Exar Corporation SP7682 Datasheet HTML 6Page - Exar Corporation SP7682 Datasheet HTML 7Page - Exar Corporation SP7682 Datasheet HTML 8Page - Exar Corporation SP7682 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Sept 27-07 rev G
SP7682: Backlight and Flash Driver
© 2007 Exar Corporation
Page 1
SP7682/SP7682A
Backlight and Flash Driver in QFN 3mm x 3mm
FEATURES
Output current up to 500mA for Flash LED
Up to 94% efficiency in 1x mode
Triple mode 1x, 1.5x and 2x charge pump
Built-in current setting DAC
SP7682 - I
2C serial interface
SP7682A – Single Line Programmable Serial Interface
2.4MHz switching frequency
Flash LED output current adjustable in 10mA steps to 500mA
Backlight LED output current adjustable in 0.5mA steps to 31.5mA
Power-saving shutdown mode of 1μA
Time Out function to protect the LED in Flash mode (2s)
Thermal shutdown protection
Built-in over-voltage and over-current protection
Automatic soft start limits in-rush current
Lead Free, RoHS Compliant Packaging:
Space saving 16-pin 3X3mm QFN package
DESCRIPTION
The SP7682 or SP7682A provides a complete LED backlight and flash solution that is designed to drive 4 low
current LEDs for backlighting and a single channel high current output for a LED flash. The SP7682 and SP7682A
have serial interfaces that can program the backlight LED current in steps of 0.5mA up to 31.5mA and flash LED
current in steps of 10mA up to 500mA. The SP7682A uses two single line serial interfaces for programming the
backlight current and flash current. The SP7682 uses an I
2C serial interface which also allows programming active,
standby and shutdown states, selecting flash timeout periods and switching individual LEDs for the backlight. The
data is loaded into internal registers upon power up and stored while in shutdown. When the chip is enabled, the
stored values set the LED currents. The SP7682/SP7682A automatically detects 1x, 1.5x or 2x operation for
optimal efficiency.
TYPICAL APPLICATION CIRCUIT
VIN = 2.7V to 5.5V
C1 1uF
VOUT
SDA (SETBL)
4.7uF
2.2uF
SP7682
(SP7682A)
Flash
SDA (SETBL)
FLASH
SCL (SETFL)
SCL (SETFL)
C2 1uF
LED1
LED2
LED3
LED4
EN
EN
VIN
PGND
EN
SCL (SETFL)
VOUT
SGND
LED 1
LED 2
VIN C1+
C1- C2+
C2-
PGND SGND
CIN
COUT


Similar Part No. - SP7682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
Complete Backlight Solution
SP7680 SIPEX-SP7680 Datasheet
97Kb / 6P
Evaluation Board Manual
SP7680EB SIPEX-SP7680EB Datasheet
450Kb / 16P
Complete Backlight Solution
SP7680EB SIPEX-SP7680EB Datasheet
97Kb / 6P
Evaluation Board Manual
SP7680ER1 SIPEX-SP7680ER1 Datasheet
97Kb / 6P
Evaluation Board Manual
More results

Similar Description - SP7682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
Constant Current Flash Driver in DFN 2mm x 3mm
logo
Maxim Integrated Produc...
MAX8647_0709 MAXIM-MAX8647_0709 Datasheet
265Kb / 15P
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07
MAX8822 MAXIM-MAX8822 Datasheet
251Kb / 15P
Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN
Rev 0; 11/07
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Maxim Integrated Produc...
MAX8847Y MAXIM-MAX8847Y Datasheet
1Mb / 13P
High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN
19-5196; Rev 0; 4/10
MAX8848Y MAXIM-MAX8848Y Datasheet
1Mb / 14P
High-Performance Negative Charge Pump for 7 White LEDs in 3mm x 3mm Thin QFN
19-5233; Rev 0; 4/10
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
MAIN/CAM LED Controller in 3mm 3mm QFN
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
Triple Video Amplifier in 3mm 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com