Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136DENR Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC0136DENR
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136DENR Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC0136DENR Datasheet HTML 6Page - Texas Instruments AMC0136DENR Datasheet HTML 7Page - Texas Instruments AMC0136DENR Datasheet HTML 8Page - Texas Instruments AMC0136DENR Datasheet HTML 9Page - Texas Instruments AMC0136DENR Datasheet HTML 10Page - Texas Instruments AMC0136DENR Datasheet HTML 11Page - Texas Instruments AMC0136DENR Datasheet HTML 12Page - Texas Instruments AMC0136DENR Datasheet HTML 13Page - Texas Instruments AMC0136DENR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
5.9 Typical Characteristics (continued)
at AVDD = 5 V, DVDD = 3.3 V, VINP = –1 V to 1 V, SNSN = AGND, and sinc3 filter with OSR = 256 (unless otherwise noted)
0.1
1
10
100
1000
10000
Frequency (kHz)
10
2
10
3
10
4
10
5
10
6
10
7
G017
sinc3, OSR = 1; Frequency bin-width equals 1Hz
Figure 5-9. Noise Density With Both Inputs Shorted to AGND
0.1
1
10
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
50
G014
sinc3, OSR = 256, VINP = 2VPP
Figure 5-10. Frequency Spectrum With 1-kHz Input Signal
0.1
1
10
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
G015
50
sinc3, OSR = 256, VINP = 2VPP
Figure 5-11. Frequency Spectrum With 10-kHz Input Signal
5
6
7
8
9
10
11
f
CLKIN(MHz)
0
2
4
6
8
IAVDD
IDVDD
G045
Figure 5-12. Supply Current vs Clock Frequency
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
xVDD (V)
0
2
4
6
8
IAVDD
IDVDD
G043
Figure 5-13. Supply Current vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0
2
4
6
8
IAVDD
IDVDD
G044
Figure 5-14. Supply Current vs Temperature
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com