Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136DENR Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC0136DENR
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136DENR Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC0136DENR Datasheet HTML 9Page - Texas Instruments AMC0136DENR Datasheet HTML 10Page - Texas Instruments AMC0136DENR Datasheet HTML 11Page - Texas Instruments AMC0136DENR Datasheet HTML 12Page - Texas Instruments AMC0136DENR Datasheet HTML 13Page - Texas Instruments AMC0136DENR Datasheet HTML 14Page - Texas Instruments AMC0136DENR Datasheet HTML 15Page - Texas Instruments AMC0136DENR Datasheet HTML 16Page - Texas Instruments AMC0136DENR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
6.3.2 Modulator
Figure 6-2 conceptualizes the second-order, switched-capacitor, feed-forward ΔΣ modulator implemented in the
AMC0136. The output V5 of the 1-bit, digital-to-analog converter (DAC) is subtracted from the input voltage VIN
= (V INP – V SNSN ). This subtraction provides an analog voltage V1 at the input of the first integrator stage. The
output of the first integrator feeds the input of the second integrator stage. The result or the second integration is
an output voltage V3 that is summed with the input signal VIN and the output of the first integrator V2. Depending
on the value of the resulting voltage V4, the output of the comparator is changed. In this case, the 1-bit DAC
responds on the next clock pulse by changing the associated analog output voltage V5. Thus, causing the
integrators to progress in the opposite direction and forcing the integrator output value to track the average value
of the input.
VIN
Integrator 1
V1
V2
V4
V5
V3
fCLKIN
Σ
Integrator 2
Σ
+
–
DAC
VREF
DOUT
–
Figure 6-2. Block Diagram of the Second-Order Modulator
6.3.3 Isolation Channel Signal Transmission
The AMC0136 uses an on-off keying (OOK) modulation scheme, as shown in Figure 6-3, to transmit the
modulator output bitstream across the SiO2-based isolation barrier. The transmit driver (TX) as illustrated in the
Functional Block Diagram transmits an internally generated, high-frequency carrier across the isolation barrier to
represent a digital one. However, TX does not send a signal to represent a digital zero. The nominal frequency of
the carrier used inside the AMC0136 is 480MHz.
The AMC0136 transmission channel is optimized to achieve the highest level of common-mode transient
immunity (CMTI) and the lowest level of radiated emissions. The high-frequency carrier and RX/TX buffer
switching cause these emissions.
Modulator Bitstream
on High-side
Internal Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 6-3. OOK-Based Modulation Scheme
www.ti.com
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com