Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136DENR Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC0136DENR
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136DENR Datasheet(HTML) 2 Page - Texas Instruments

  AMC0136DENR Datasheet HTML 1Page - Texas Instruments AMC0136DENR Datasheet HTML 2Page - Texas Instruments AMC0136DENR Datasheet HTML 3Page - Texas Instruments AMC0136DENR Datasheet HTML 4Page - Texas Instruments AMC0136DENR Datasheet HTML 5Page - Texas Instruments AMC0136DENR Datasheet HTML 6Page - Texas Instruments AMC0136DENR Datasheet HTML 7Page - Texas Instruments AMC0136DENR Datasheet HTML 8Page - Texas Instruments AMC0136DENR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings ....................................... 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions ........................5
5.4 Thermal Information (DEN Package)..........................6
5.5 Package Characteristics ............................................ 6
5.6 Electrical Characteristics ............................................7
5.7 Switching Characteristics ...........................................8
5.8 Timing Diagram...........................................................8
5.9 Typical Characteristics................................................ 9
6 Detailed Description...................................................... 11
6.1 Overview................................................................... 11
6.2 Functional Block Diagram......................................... 11
6.3 Feature Description...................................................12
6.4 Device Functional Modes..........................................16
7 Application and Implementation.................................. 17
7.1 Application Information............................................. 17
7.2 Typical Application.................................................... 17
7.3 Best Design Practices...............................................20
7.4 Power Supply Recommendations.............................21
7.5 Layout....................................................................... 21
8 Device and Documentation Support............................22
8.1 Documentation Support............................................ 22
8.2 Receiving Notification of Documentation Updates....22
8.3 Support Resources................................................... 22
8.4 Trademarks...............................................................22
8.5 Electrostatic Discharge Caution................................22
8.6 Glossary....................................................................22
9 Revision History............................................................ 22
10 Mechanical, Packaging, and Orderable
Information.................................................................... 23
10.1 Mechanical Data..................................................... 24
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com