Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136DENR Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC0136DENR
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136DENR Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC0136DENR Datasheet HTML 16Page - Texas Instruments AMC0136DENR Datasheet HTML 17Page - Texas Instruments AMC0136DENR Datasheet HTML 18Page - Texas Instruments AMC0136DENR Datasheet HTML 19Page - Texas Instruments AMC0136DENR Datasheet HTML 20Page - Texas Instruments AMC0136DENR Datasheet HTML 21Page - Texas Instruments AMC0136DENR Datasheet HTML 22Page - Texas Instruments AMC0136DENR Datasheet HTML 23Page - Texas Instruments AMC0136DENR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
7.2.2.3 Application Curves
The effective number of bits (ENOB) is often used to compare the performance of ADCs and ΔΣ modulators.
Figure 7-3 shows the ENOB of the AMC0136 with different oversampling ratios.
1
10
100
1000
OSR
0
2
4
6
8
10
12
14
16
sinc1
sinc2
sinc3
G013
Figure 7-3. Measured Effective Number of Bits vs Oversampling Ratio
7.3 Best Design Practices
Do not leave the analog input (INP pin) of the AMC0136 unconnected when the device is powered up. If the
device input is left floating, the output of the device is not valid.
Do not connect protection diodes to the input (INP pin) of the AMC0136. Diode leakage current potentially
introduces significant measurement error especially at high temperatures. The input pin is protected against high
voltages by the ESD protection circuit and the high impedance of the external resistive divider.
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com