Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136DENR Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC0136DENR
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136DENR Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC0136DENR Datasheet HTML 12Page - Texas Instruments AMC0136DENR Datasheet HTML 13Page - Texas Instruments AMC0136DENR Datasheet HTML 14Page - Texas Instruments AMC0136DENR Datasheet HTML 15Page - Texas Instruments AMC0136DENR Datasheet HTML 16Page - Texas Instruments AMC0136DENR Datasheet HTML 17Page - Texas Instruments AMC0136DENR Datasheet HTML 18Page - Texas Instruments AMC0136DENR Datasheet HTML 19Page - Texas Instruments AMC0136DENR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
6.4 Device Functional Modes
The AMC0136 operates in one of the following states:
• OFF-state: The low-side of the device (DVDD) is below the DVDDUV threshold. The device is not responsive.
DOUT is Hi-Z state. Internally, DOUT and CLKIN are clamped to DVDD and DGND by ESD protection
diodes.
• Missing high-side supply: The low-side of the device (DVDD) is supplied and within Recommended Operating
Conditions . The high-side supply (AVDD) is below the AVDDUV threshold. The device outputs a constant
bitstream of logic 0's, as described in the section.
• Analog input overrange (positive fullscale input): AVDD and DVDD are within recommended operating
conditions but the analog input voltage VIN = (V INP – V SNSN ) is above the maximum clipping voltage
(VClipping, MAX). The device outputs a logic 0 every 128 clock cycles, as described in the Output Behavior in
Case of a Full-Scale Input section.
• Analog input underrange (negative fullscale input): AVDD and DVDD are within recommended operating
conditions but the analog input voltage VIN = (V INP – V SNSN ) is below the minimum clipping voltage
(VClipping, MIN). The device outputs a logic 1 every 128 clock cycles, as described in the Output Behavior in
Case of a Full-Scale Input section.
• Normal operation: AVDD, DVDD, and VIN are within the recommended operating conditions. The device
outputs a digital bitstream, as explained in the Digital Output section.
Table 6-1 lists the operational modes.
Table 6-1. Device Operational Modes
OPERATINAL
MODE
AVDD
DVDD
VIN
DEVICE
RESPONSE
OFF
Don't care
VDVDD < DVDDUV
Don't care
DOUT is Hi-Z state. Internally, DOUT and CLKIN
are clamped to DVDD and DGND by ESD
protection diodes.
Missing high-side
supply
VAVDD < AVDDUV
Valid(1)
Don't care
The device outputs a constant bitstream of logic
0's, as described in the section.
Input overrange
Valid(1)
Valid(1)
VIN > VClipping, MAX
The device outputs a logic 0 every 128 clock
cycles, as described in the Output Behavior in
Case of a Full-Scale Input section.
Input underrange
Valid(1)
Valid(1)
VIN < VClipping, MIN
The device outputs a logic 1 every 128 clock
cycles, as described in the Output Behavior in
Case of a Full-Scale Input section.
Normal operation
Valid(1)
Valid(1)
Valid(1)
Normal operation
(1)
"Valid" denotes within the recommended operating conditions.
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com