Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2264 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2264
Description  Remote Control Encoder IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2264 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2264 Datasheet HTML 1Page - Princeton Technology Corp PT2264 Datasheet HTML 2Page - Princeton Technology Corp PT2264 Datasheet HTML 3Page - Princeton Technology Corp PT2264 Datasheet HTML 4Page - Princeton Technology Corp PT2264 Datasheet HTML 5Page - Princeton Technology Corp PT2264 Datasheet HTML 6Page - Princeton Technology Corp PT2264 Datasheet HTML 7Page - Princeton Technology Corp PT2264 Datasheet HTML 8Page - Princeton Technology Corp PT2264 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2264 v1.0
- 3 -
June, 2004
Remote Control Encoder IC
PT2264
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
18 Pins
20 Pins
A0~A7
I
Code Address Pin Nos.0 ~ 7
These ten tri-state pins are detected by PT2264 to
determine the encoded waveform bit 0 ~ bit 9. Each
pin can be set to “0”, “1” or “f” (floating ).
1 ~ 8
1 ~ 8
A8/D3 ~
A11/D0
I
Code Address Pin Nos.8 ~ 11/Data Pin Nos.0 ~ 3.
These four tri-state pins are detected by PT2264 to
determine the encoded waveform bit10, bit11.
When these pins are used as address pins, they
can be set to “0”, “1”, or “f” (floating).
When these pins are used as data pins, they can be
set only to “0” or “1”.
10 ~ 13
12 ~ 15
/TE
I
Transmission Enable.
Active Low Signal. PT2264 outputs the encoded
waveform to DOUT when this pin is pulled to low.
14
16
OSC 1
O
Oscillator Pin No.1
15
17
OSC 2
I
Oscillator Pin No.2
A resistor connected
between these two pins
determine the
fundamental frequency
of the PT2264.
16
18
DOUT
O
Data Output Pin.
The encoded waveform is serially outputted to this
pin. When PT2264 is not transmitting, DOUT
outputs low (VSS) voltage.
17
19
VCC
-
Positive Power Supply
18
20
VSS
-
Negative Power Supply
9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com