Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2264 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2264
Description  Remote Control Encoder IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2264 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2264 Datasheet HTML 2Page - Princeton Technology Corp PT2264 Datasheet HTML 3Page - Princeton Technology Corp PT2264 Datasheet HTML 4Page - Princeton Technology Corp PT2264 Datasheet HTML 5Page - Princeton Technology Corp PT2264 Datasheet HTML 6Page - Princeton Technology Corp PT2264 Datasheet HTML 7Page - Princeton Technology Corp PT2264 Datasheet HTML 8Page - Princeton Technology Corp PT2264 Datasheet HTML 9Page - Princeton Technology Corp PT2264 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2264 v1.0
- 6 -
June, 2004
Remote Control Encoder IC
PT2264
CODE FRAME
A Code Frame consists of four (4) continuous Code Words. When PT2264 detects “0” on the /TE
(meaning, the /TE is active “low”), it outputs a Code Frame at DOUT. If /TE is still active at the time the
Code Frame transmission ends, PT2264 outputs another Code Frame. It should be noted that the
Code Frame is synthesized at the time of transmission.
/TE
DOUT
one frame (=4 word)
one frame
one frame
SIGNAL RESISTOR OSCILLATOR
The built–in oscillator circuitry of PT2264 allows a precision oscillator to be constructed by connecting
an external resistor between OSC1 and OSC2 pins. For PT2294 to decode correctly the received
waveform, the oscillator frequency of PT2294 must be 2.5 ~ 8 times that of transmitting PT2264. The
typical oscillator with various resistor values are shown below for PT2264 and PT2294.
100
10
1
KHz
3
6
9
12
15
V O L T A G E
R = 510 K
R = 1 M
R = 2 M
R = 3.3 M
R = 4.7 M
PT2264 Encoder OSC Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com