Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2264 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2264
Description  Remote Control Encoder IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2264 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2264 Datasheet HTML 1Page - Princeton Technology Corp PT2264 Datasheet HTML 2Page - Princeton Technology Corp PT2264 Datasheet HTML 3Page - Princeton Technology Corp PT2264 Datasheet HTML 4Page - Princeton Technology Corp PT2264 Datasheet HTML 5Page - Princeton Technology Corp PT2264 Datasheet HTML 6Page - Princeton Technology Corp PT2264 Datasheet HTML 7Page - Princeton Technology Corp PT2264 Datasheet HTML 8Page - Princeton Technology Corp PT2264 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2264 v1.0
- 5 -
June, 2004
Remote Control Encoder IC
PT2264
CODE WORD
A group of Code Bits is called a Code Word. A Code Word consists of 12 AD bits followed by one Sync
Bit. The 12 AD bits are determined by the corresponding states of A0 ~ A7 and A8/D3 ~ A11/D0 pins at
the time of transmission. When Data Type of PT2264 is used, the address bits will decrease
accordingly.
For example: In the 4 Datas Type where the address has eight (8) bits, the transmitting format is:
8 Address Bits
4 Data Bits
Sync. Bit
PT2264 / PT2294 have a maximum of twelve (12) Address Bits, four (4) Address/Data bits. The
following diagram shows the code bits with their corresponding pins.
First bit transmitted
↓
A0
A1
A2
A3
A4
A5
A6
A7
A8/D3
A9/D2
A10/D1
A11/D0
SYNC BIT
One Complete Code Word
0 Data
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
Sync Bit
1 Data
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
D0
Sync Bit
2 Data
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
D1
D0
Sync Bit
3 Data
A0
A1
A2
A3
A4
A5
A6
A7
A8
D2
D1
D0
Sync Bit
4 Data
A0
A1
A2
A3
A4
A5
A6
A7
D3
D2
D1
D0
Sync Bit
The Code Bits A0 ~ A7 and A8/D3 ~ A11/D0 are determined by the states of A0 ~ A7 and A8/D3 ~
A11/D0 pins. For example, when the A0 (Pin No. 1) is set to “1” (VCC), the Code Bit A0 is synthesized
as “1” bit. In the same manner, when it (A0 Pin) is set to “0” (VSS) or left floating, the Code Bit A0 is
synthesized as a “0” or “f” bit respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com