Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2264 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2264
Description  Remote Control Encoder IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2264 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2264 Datasheet HTML 7Page - Princeton Technology Corp PT2264 Datasheet HTML 8Page - Princeton Technology Corp PT2264 Datasheet HTML 9Page - Princeton Technology Corp PT2264 Datasheet HTML 10Page - Princeton Technology Corp PT2264 Datasheet HTML 11Page - Princeton Technology Corp PT2264 Datasheet HTML 12Page - Princeton Technology Corp PT2264 Datasheet HTML 13Page - Princeton Technology Corp PT2264 Datasheet HTML 14Page - Princeton Technology Corp PT2264 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2264 v1.0
- 11 -
June, 2004
Remote Control Encoder IC
PT2264
Zero Data transmitter circuit is recommended. Pin 1~8, Pin 10~13 Address Datas can be
selected by custom’s design.
A0
A1
A2
VCC
A9/D2
DOUT
A8/D3
OSC2
A5
A11/D0
A6
A3
OSC1
A10/D1
A4
/TE
1
18
2
17
3
16
4
15
8
11
7
12
9
10
6
13
5
14
A7
VSS
RF
SW
VCC
PT2264
Rosc
Note: Suggested oscillator resistor values (Rosc), please refer to page 7.
Zero-Stand-by transmitter circuit is recommended. Pin 1~8, Pin 10~13 Address Datas can be
selected by custom’s design.
A0
A1
A2
VCC
A9/D2
DOUT
A8/D3
OSC2
A5
A11/D0
A6
A3
OSC1
A10/D1
A4
/TE
1
18
2
17
3
16
4
15
8
11
7
12
9
10
6
13
5
14
A7
VSS
RF
SW
PT2264
12V
Rosc
Note: Suggested oscillator resistor values (Rosc), please refer to page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com