Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2264 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2264
Description  Remote Control Encoder IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2264 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2264 Datasheet HTML 1Page - Princeton Technology Corp PT2264 Datasheet HTML 2Page - Princeton Technology Corp PT2264 Datasheet HTML 3Page - Princeton Technology Corp PT2264 Datasheet HTML 4Page - Princeton Technology Corp PT2264 Datasheet HTML 5Page - Princeton Technology Corp PT2264 Datasheet HTML 6Page - Princeton Technology Corp PT2264 Datasheet HTML 7Page - Princeton Technology Corp PT2264 Datasheet HTML 8Page - Princeton Technology Corp PT2264 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2264 v1.0
- 1 -
June, 2004
Remote Control Encoder IC
PT2264
DESCRIPTION
PT2264 is a remote control encoder paired with PT2294 utilizing CMOS Technology. It encodes data
and address pins into a serial coded waveform suitable for RF modulation. PT2264 has a maximum of
12 bits of tri-state address pins providing up to 531,441 (or 3
12) address codes; thereby, drastically
reducing any code collision and unauthorized code scanning possibilities.
FEATURES
• CMOS Technology
• Low Power Consumption
• Very High Noise Immunity
• Up to 12 Tri-State Code Address Pins
• Up to 4 Data Pins
• Wide Range of Operating Voltage: VCC = 8 ~ 15 V
• Single Resistor Oscillator
• Latch or Momentary Output Type
• Available in DIP and SO Package
APPLICATIONS
• Remote Control Fan
• Home Security/Automation System
• Remote Control Toys
• Remote Control for Door Bell


Similar Part No. - PT2264

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2264 PTC-PT2264 Datasheet
380Kb / 19P
Remote Control Encoder IC
PT2264 PTC-PT2264 Datasheet
326Kb / 19P
Remote Control Decoder IC
April, 2006
PT2264-18S PTC-PT2264-18S Datasheet
380Kb / 19P
Remote Control Encoder IC
PT2264-S PTC-PT2264-S Datasheet
380Kb / 19P
Remote Control Encoder IC
PT2264 PTC-PT2264_06 Datasheet
380Kb / 19P
Remote Control Encoder IC
More results

Similar Description - PT2264

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
Remote Control Encoder?
PT2607 PTC-PT2607 Datasheet
73Kb / 3P
Remote Control Encoder IC
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
Remote Control Encoder
2nd Oct 97
logo
Silan Microelectronics ...
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
REMOTE CONTROL ENCODER
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2264 PTC-PT2264_06 Datasheet
380Kb / 19P
Remote Control Encoder IC
PT2607 PTC-PT2607_10 Datasheet
652Kb / 28P
Remote Control Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com