Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1452
Description  Dual 150mA LDO Regulator with Programmable Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1452_06 Datasheet HTML 1Page - Semtech Corporation SC1452_06 Datasheet HTML 2Page - Semtech Corporation SC1452_06 Datasheet HTML 3Page - Semtech Corporation SC1452_06 Datasheet HTML 4Page - Semtech Corporation SC1452_06 Datasheet HTML 5Page - Semtech Corporation SC1452_06 Datasheet HTML 6Page - Semtech Corporation SC1452_06 Datasheet HTML 7Page - Semtech Corporation SC1452_06 Datasheet HTML 8Page - Semtech Corporation SC1452_06 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
 2006 Semtech Corp.
www.semtech.com
SC1452
POWER MANAGEMENT
Pin Configuration
Ordering Information
Notes:
(1) Where X denotes voltage options - see Voltage
Options table.
(2) Only available in tape and reel packaging. A reel
contains 2500 devices.
(3) Lead-free product. This product is fully WEEE and
RoHS compliant.
s
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
R
T
S
M
I
X
2
5
4
1
C
S
)
2
(
)
1
(
0
1
-
P
O
S
M
T
R
T
S
M
I
X
2
5
4
1
C
S
)
3
(
)
2
(
)
1
(
(Top View)
MSOP-10
XV
A
T
U
O
)
V
(V
B
T
U
O
)
V
(
A8
.
18
.
1
B5
.
25
.
2
C8
.
28
.
2
D0
.
30
.
3
E3
.
33
.
3
F0
.
35
.
2
G0
.
38
.
1
H0
.
38
.
2
J3
.
35
.
2
K3
.
38
.
2
Voltage Options
Replace X in the part number (SC1452XIMS) by the
letter shown below for the corresponding voltage
option:
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1A
T
U
O.t
u
p
t
u
o
A
r
o
t
a
l
u
g
e
R
2B
T
U
O.t
u
p
t
u
o
B
r
o
t
a
l
u
g
e
R
3D
N
G.
n
i
p
d
n
u
o
r
G
4A
T
S
R
A
T
S
R
.
d
l
o
h
s
e
r
h
t
t
e
s
e
r
e
h
t
w
o
l
e
b
s
i
A
T
U
O
n
e
h
w
w
o
l
e
v
it
c
A
.
A
t
u
p
t
u
o
r
o
f
t
e
s
e
r
n
o
r
e
w
o
P
.
d
l
o
h
s
e
r
h
t
t
e
s
e
r
e
h
t
e
v
o
b
a
s
e
s
ir
A
T
U
O
r
e
tf
a
)l
a
c
i
p
y
t
(
s
m
0
5
h
g
i
h
s
e
o
g
5B
T
S
R
B
T
S
R
.
d
l
o
h
s
e
r
h
t
t
e
s
e
r
e
h
t
w
o
l
e
b
s
i
B
T
U
O
n
e
h
w
w
o
l
e
v
it
c
A
.
B
t
u
p
t
u
o
r
o
f
t
e
s
e
r
n
o
r
e
w
o
P
C
g
n
i
s
u
d
e
t
s
u
j
d
a
e
b
n
a
c
-
l
a
c
i
p
y
t
(
s
m
0
5
1
h
g
i
h
s
e
o
g
B
Y
L
D
t
e
s
e
r
e
h
t
e
v
o
b
a
s
e
s
ir
B
T
U
O
r
e
tf
a
)
.
d
l
o
h
s
e
r
h
t
6B
Y
L
D
C
,r
o
ti
c
a
p
a
c
a
g
n
it
c
e
n
n
o
c
y
b
t
e
s
e
b
n
a
c
e
m
it
y
a
l
e
D
.
B
T
E
S
E
R
r
o
f
y
a
l
e
d
e
l
b
a
m
m
a
r
g
o
r
P
,
B
Y
L
D
.
e
m
it
y
a
l
e
d
tl
u
a
f
e
d
e
h
t
g
n
i
s
u
fi
n
i
p
s
i
h
t
d
n
u
o
r
G
.
d
n
u
o
r
g
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
7B
N
E
g
n
i
e
b
t
o
n
fi
N
I
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
e
l
b
it
a
p
m
o
c
S
O
M
C
.
B
t
u
p
t
u
o
r
o
f
n
i
p
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
.
d
e
s
u
8P
Y
B
C
,r
o
ti
c
a
p
a
c
F
n
0
1
a
t
c
e
n
n
o
C
.
e
c
n
e
r
e
f
e
r
p
a
g
d
n
a
b
r
o
f
n
i
p
s
s
a
p
y
B
P
Y
B
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
,
.
n
o
it
a
r
e
p
o
e
s
i
o
n
w
o
l
r
o
f
d
n
u
o
r
g
9A
N
E
g
n
i
e
b
t
o
n
fi
N
I
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
e
l
b
it
a
p
m
o
c
S
O
M
C
.
A
t
u
p
t
u
o
r
o
f
n
i
p
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
.
d
e
s
u
0
1N
I.
s
r
o
t
a
l
u
g
e
r
h
t
o
b
r
o
f
n
i
p
t
u
p
n
I
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com