Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1452
Description  Dual 150mA LDO Regulator with Programmable Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1452_06 Datasheet HTML 1Page - Semtech Corporation SC1452_06 Datasheet HTML 2Page - Semtech Corporation SC1452_06 Datasheet HTML 3Page - Semtech Corporation SC1452_06 Datasheet HTML 4Page - Semtech Corporation SC1452_06 Datasheet HTML 5Page - Semtech Corporation SC1452_06 Datasheet HTML 6Page - Semtech Corporation SC1452_06 Datasheet HTML 7Page - Semtech Corporation SC1452_06 Datasheet HTML 8Page - Semtech Corporation SC1452_06 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
 2006 Semtech Corp.
www.semtech.com
SC1452
POWER MANAGEMENT
Unless specified: T
A = 25°C, VIN = VOUT + 1V, IOUTA = IOUTB = 1mA, CIN = COUT = 1.0 µF, VENA = VENB = VIN.
Values in bold apply over full operating temperature range.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
o
p
o
r
D
)
2
(
)
1
(
V
D
I
T
U
O
A
m
1
=1
V
m
I
T
U
O
A
m
0
5
=2
50
7V
m
0
9
I
T
U
O
A
m
0
5
1
=5
5
10
1
2V
m
0
7
2
ti
m
i
L
t
n
e
r
r
u
CI
M
I
L
0
0
4
A
m
n
o
it
c
e
j
e
R
e
l
p
p
i
RR
R
S
PC
,
z
H
0
2
1
=
f
P
Y
B
F
n
0
1
=9
5B
d
e
s
i
o
N
e
g
a
tl
o
V
t
u
p
t
u
Oe
n
I
,
z
H
k
0
0
1
o
t
z
H
0
1
=
f
T
U
O
,
A
m
0
5
=
C
P
Y
B
C
,
F
n
0
1
=
T
U
O
t
u
p
t
u
o
V
8
.
1
,
F
µ
2
.
2
=
7
2V
µ
S
M
R
I
,
z
H
k
0
0
1
o
t
z
H
0
1
=
f
T
U
O
,
A
m
0
5
=
C
P
Y
B
C
,
F
n
0
1
=
T
U
O
t
u
p
t
u
o
V
3
.
3
,
F
µ
2
.
2
=
5
5
P
Y
B
e
m
i
T
e
s
i
R
p
u
-
t
r
a
t
St
r
C
P
Y
B
F
n
0
1
=5
2
.
1s
m
B
N
E
,
A
N
E
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
EV
H
I
6
.
1
V
V
L
I
4
.
0
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
l
b
a
n
E
)
3
(
I
B
/
A
N
E
V
0
≤ V
B
/
A
N
E
≤ V
N
I
5
.
0
-5
.
0
+
A
µ
B
T
S
R
,
A
T
S
R
d
l
o
h
s
e
r
h
T
t
e
s
e
RV
)
T
S
R
(
H
T
V
T
U
O
g
n
il
l
a
f
8
8
0
9
2
9
V
%
T
U
O
V
T
U
O
g
n
i
s
ir
0
9
2
9
4
9
y
a
l
e
D
A
t
e
s
e
Rt
A
T
S
R
0
3
0
5
0
7
s
m
y
a
l
e
D
B
t
e
s
e
Rt
B
T
S
R
V
B
Y
L
D
V
0
=
0
9
0
5
1
0
1
2
s
m
C
B
Y
L
D
F
n
0
1
=4
e
g
a
tl
o
V
t
u
p
t
u
O
B
,
A
t
e
s
e
R
)
4
(
V
H
O
I
E
C
R
U
O
S
A
m
5
.
0
=
0
9
8
9V
%
T
U
O
V
L
O
I
K
N
I
S
A
m
2
.
1
=2
0
.
0
0
1
.
0
V
B
Y
L
D
d
l
o
h
s
e
r
h
T
e
g
a
tl
o
V
y
a
l
e
DV
)
B
Y
L
D
(
H
T
0
5
2
.
1V
t
n
e
r
r
u
C
e
c
r
u
o
S
y
a
l
e
DI
B
Y
L
D
V
B
T
U
O
V
<
H
T
1
.
2
0
.
3
9
.
3
A
µ
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com