Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1452
Description  Dual 150mA LDO Regulator with Programmable Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1452_06 Datasheet HTML 7Page - Semtech Corporation SC1452_06 Datasheet HTML 8Page - Semtech Corporation SC1452_06 Datasheet HTML 9Page - Semtech Corporation SC1452_06 Datasheet HTML 10Page - Semtech Corporation SC1452_06 Datasheet HTML 11Page - Semtech Corporation SC1452_06 Datasheet HTML 12Page - Semtech Corporation SC1452_06 Datasheet HTML 13Page - Semtech Corporation SC1452_06 Datasheet HTML 14Page - Semtech Corporation SC1452_06 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
 2006 Semtech Corp.
www.semtech.com
SC1452
POWER MANAGEMENT
Evaluation Board Bill of Materials
y
t
i
t
n
a
u
Qe
c
n
e
r
e
f
e
Rn
o
i
t
p
i
r
c
s
e
D
/
t
r
a
Pr
o
d
n
e
Vs
e
t
o
N
11
CV
0
1
,
F
µ
0
2
2s
u
o
ir
a
V
23
C
,
2
Cc
i
m
a
r
e
c
F
µ
2
.
2a
t
a
r
u
M6
1
K
5
2
2
R
7
X
6
-
2
4
M
R
G
14
Cc
i
m
a
r
e
c
F
µ
1a
t
a
r
u
M5
2
K
5
0
1
R
7
X
6
-
2
4
M
R
G
26
C
,
5
Cc
i
m
a
r
e
c
F
n
0
1s
u
o
ir
a
V
22
J
,
1
Jn
i
p
t
s
e
Ts
u
o
ir
a
Ve
ti
h
W
24
J
,
3
Jt
e
k
c
o
s
C
N
Bs
u
o
ir
a
VV
T
U
O
r
o
ti
n
o
m
e
l
p
p
ir
37
J
-
5
Jn
i
p
t
s
e
Ts
u
o
ir
a
Vd
e
R
29
J
,
8
Jn
i
p
t
s
e
Ts
u
o
ir
a
Vw
o
ll
e
Y
21
1
J
,
0
1
Jn
i
p
t
s
e
Ts
u
o
ir
a
Ve
g
n
a
r
O
78
1
J
-
2
1
Jn
i
p
t
s
e
Ts
u
o
ir
a
Vk
c
a
l
B
67
P
J
-
4
P
J
,
2
P
J
,
1
P
Jn
i
p
3
,r
e
d
a
e
Hs
u
o
ir
a
V
13
P
Jn
i
p
2
,r
e
d
a
e
Hs
u
o
ir
a
V
22
R
,
1
Rk
0
1
Ω
W
0
1
/
1
,s
u
o
ir
a
V
24
R
,
3
Rd
e
c
a
l
p
t
o
N
26
R
,
5
Rc
it
a
m
e
h
c
s
e
e
Ss
u
o
ir
a
VW
1
11
U
S
M
I
x
2
5
4
1
C
S
h
c
e
t
m
e
S
23
U
,
2
U0
1
4
4
i
Sy
a
h
s
i
V
Evaluation Board Gerber Plots (Cont.)
Top Silk Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com