Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1452
Description  Dual 150mA LDO Regulator with Programmable Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1452_06 Datasheet HTML 7Page - Semtech Corporation SC1452_06 Datasheet HTML 8Page - Semtech Corporation SC1452_06 Datasheet HTML 9Page - Semtech Corporation SC1452_06 Datasheet HTML 10Page - Semtech Corporation SC1452_06 Datasheet HTML 11Page - Semtech Corporation SC1452_06 Datasheet HTML 12Page - Semtech Corporation SC1452_06 Datasheet HTML 13Page - Semtech Corporation SC1452_06 Datasheet HTML 14Page - Semtech Corporation SC1452_06 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
 2006 Semtech Corp.
www.semtech.com
SC1452
POWER MANAGEMENT
Evaluation Board Schematic
Evaluation Board Gerber Plots
J18
GND
J17
GND
J16
GND
J15
GND
J14
GND
J13
GND
J12
GND
C2
2.2uF
C5
10nF
C6
10nF
C4
1uF
C3
2.2uF
U1
SC1452xIMS
1
2
3
4
5
6
7
8
9
10
OUTA
OUTB
GND
RSTA
RSTB
DLYB
ENB
BYP
ENA
IN
+
C1
220uF
J1
ENA
J2
ENB
J5
VIN
J6
OUTA
J7
OUTB
J8
RSTA
J9
RSTB
R4
Open
R3
Open
JP6
OUTB LOAD
1
2
3
JP7
OUTA LOAD
1
2
3
JP3
IQ MON
1
2
J11
OUTA LOAD DRV
J10
OUTB LOAD DRV
JP1
OUTA ENABLE
1
2
3
JP2
OUTB ENABLE
1
2
3
JP5
OUTB LOAD
1
2
3
JP4
OUTA LOAD
1
2
3
R1 10k
R2 10k
J3
RIPPLE A
12 34 5
J4
RIPPLE B
12 34 5
U3
Si4410
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
U2
Si4410
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
R5
(1)
R6
(1)
EN
EN
OFF
OFF
150mA
150mA
Short
Short
NOTE:
(1) See table below for resistor values
Output Voltage
R (Ohms) (1W)
1.8
2.5
2.8
3.0
3.3
12
16
18
20
22
Top Copper
Bottom Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com