Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1452 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1452
Description  Dual 150mA LDO Regulator with Programmable Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1452_06 Datasheet HTML 7Page - Semtech Corporation SC1452_06 Datasheet HTML 8Page - Semtech Corporation SC1452_06 Datasheet HTML 9Page - Semtech Corporation SC1452_06 Datasheet HTML 10Page - Semtech Corporation SC1452_06 Datasheet HTML 11Page - Semtech Corporation SC1452_06 Datasheet HTML 12Page - Semtech Corporation SC1452_06 Datasheet HTML 13Page - Semtech Corporation SC1452_06 Datasheet HTML 14Page - Semtech Corporation SC1452_06 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
 2006 Semtech Corp.
www.semtech.com
SC1452
POWER MANAGEMENT
Typical Characteristics (Cont.)
Bypass Start-up Rise Time vs. Junction Temperature
vs. Input Voltage
Reset Threshold Voltage
vs. Junction Temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-50
-25
0
25
50
75
100
125
TJ (°C)
CBYP = 10nF
VIN = 4V
VIN = 6.5V
88
89
90
91
92
93
94
-50
-25
0
25
50
75
100
125
TJ (°C)
VOUT falling
VOUT rising
Reset Delay Times
vs. Junction Temperature
Delay Source Current and Voltage Threshold
vs. Junction Temperature
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
tRSTA
tRSTB, DLYB = 0V
tRSTB, CDLYB = 10nF
VOUT + 1V ≤ VIN ≤ 6.5V
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-50
-25
0
25
50
75
100
125
TJ (°C)
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
1.275
VOUT + 1V ≤ VIN ≤ 6.5V
VTH(DLYB)
IDLYB
Output Spectral Noise Density vs.
Frequency vs. Output Voltage
Output Spectral Noise Density vs. Frequency
vs. Output Capacitance
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
IOUT = 50mA
CIN = 1µF
CBYP = 10nF
COUT = 2.2µF
TJ = 25°C
Top to bottom:
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.8V
VOUT = 2.5V
VOUT = 1.8V
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 3V
VIN = 4V
IOUT = 50mA
CBYP = 10nF
CIN = 1µF
TJ = 25°C
Left to right:
COUT = 44µF
COUT = 22µF
COUT = 10µF
COUT = 2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com