Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4607IMSTR Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4607IMSTR
Description  Very Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4607IMSTR Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4607IMSTR Datasheet HTML 3Page - Semtech Corporation SC4607IMSTR Datasheet HTML 4Page - Semtech Corporation SC4607IMSTR Datasheet HTML 5Page - Semtech Corporation SC4607IMSTR Datasheet HTML 6Page - Semtech Corporation SC4607IMSTR Datasheet HTML 7Page - Semtech Corporation SC4607IMSTR Datasheet HTML 8Page - Semtech Corporation SC4607IMSTR Datasheet HTML 9Page - Semtech Corporation SC4607IMSTR Datasheet HTML 10Page - Semtech Corporation SC4607IMSTR Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC4607
POWER MANAGEMENT
Typical Characteristics
Oscillator Internal Accuracy
vs
Input Voltage
574
576
578
580
582
584
586
588
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Oscillator Internal Accuracy
vs
Temperature
577
578
579
580
581
582
583
584
-40
-20
0
2040
6080
Temperature (°C)
Vcc = 3.3V
Sense Voltage
vs
Input Voltage
499.4
499.5
499.6
499.7
499.8
499.9
500.0
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Sense Voltage
vs
Temperature
498.0
498.5
499.0
499.5
500.0
500.5
-40
-20
0
2040
6080
Temperature (°C)
Vcc = 3.3V
Current Limit Bias Current
vs
Input Voltage
50
51
52
53
54
55
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
T
A
= 25°C
Current Limit Bias Current
vs
Temperature
40
45
50
55
60
65
-40
-20
0
20
406080
Temperature (°C)
Vcc = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com