Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4607IMSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4607IMSTR
Description  Very Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4607IMSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4607IMSTR Datasheet HTML 6Page - Semtech Corporation SC4607IMSTR Datasheet HTML 7Page - Semtech Corporation SC4607IMSTR Datasheet HTML 8Page - Semtech Corporation SC4607IMSTR Datasheet HTML 9Page - Semtech Corporation SC4607IMSTR Datasheet HTML 10Page - Semtech Corporation SC4607IMSTR Datasheet HTML 11Page - Semtech Corporation SC4607IMSTR Datasheet HTML 12Page - Semtech Corporation SC4607IMSTR Datasheet HTML 13Page - Semtech Corporation SC4607IMSTR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC4607
POWER MANAGEMENT
current. As shown in Figure 4, t
d1,
the delay from the
top MOSFET off to the bottom MOSFET on is adaptive by
detecting the voltage of the phase node. t
d2
, the delay
from the bottom MOSFET off to the top MOSFET on is
fixed, is 40ns for the SC4607. This control scheme guar-
antees avoidance of cross conduction or shoot through
between the upper and lower MOSFETs and also mini-
mizes the conduction loss in the body diode of the bot-
tom MOSFET for high efficiency applications.
BOTTOM MOSFET Gate Drive
TOP MOSFET Gate Drive
Phase node
Ground
t
d1
t
d2
BOTTOM MOSFET Gate Drive
TOP MOSFET Gate Drive
Phase node
Ground
t
d1
t
d2
Figure 4. Timing Waveforms for Gate Drives and Phase
Node
Inductor Selection:
The factors for selecting the inductor include its cost,
efficiency, size and EMI. For a typical SC4607 applica-
tion, the inductor selection is mainly based on its value,
saturation current and DC resistance. Increasing the in-
ductor value will decrease the ripple level of the output
voltage while the output transient response will be de-
graded. Low value inductors offer small size and fast tran-
sient responses while they cause large ripple currents,
poor efficiencies and more output capacitance to smooth
out the large ripple currents. The inductor should be able
to handle the peak current without saturating and its
copper resistance in the winding should be as low as
possible to minimize its resistive power loss. A good trade-
off among its size, loss and cost is to set the inductor
ripple current to be within 15% to 30% of the maximum
output current.
The inductor value can be determined according to its
operating point and the switching frequency as follows:
OMAX
s
in
out
in
out
I
I
f
V
)
V
V
(
V
L
⋅
∆
⋅
⋅
−
⋅
=
Where:
f
s = switching frequency and
∆I = ratio of the peak to peak inductor current to the
maximum output load current.
The peak to peak inductor current is:
OMAX
p
p
I
I
I
•
∆
=
−
After the required inductor value is selected, the proper
selection of the core material is based on the peak in-
ductor current and efficiency requirements. The core
must be able to handle the peak inductor current I
PEAK
without saturation and produce low core loss during the
high frequency operation is:
2
I
I
I
p
p
OMAX
PEAK
−
+
=
The power loss for the inductor includes its core loss and
copper loss. If possible, the winding resistance should
be minimized to reduce inductor’s copper loss. The core
loss can be found in the manufacturer’s datasheet. The
inductor’ copper loss can be estimated as follows:
WINDING
LRMS
2
COPPER
R
I
P
⋅
=
Where:
I
LRMS is the RMS current in the inductor. This current can
be calculated as follow is:
2
OMAX
LRMS
I
3
1
1
I
I
∆
⋅
+
⋅
=
Output Capacitor Selection:
Basically there are two major factors to consider in se-
lecting the type and quantity of the output capacitors.
The first one is the required ESR (Equivalent Series Re-
sistance) which should be low enough to reduce the volt-
age deviation from its nominal one during its load changes.
The second one is the required capacitance, which should
be high enough to hold up the output voltage. Before the
SC4607 regulates the inductor current to a new value
during a load transient, the output capacitor delivers all
the additional current needed by the load. The ESR and
ESL of the output capacitor, the loop parasitic inductance
between the output capacitor and the load combined
with inductor ripple current are all major contributors to
the output voltage ripple. Surface mount speciality poly-
mer aluminum electrolytic chip capacitors in UE series
from Panasonic provide low ESR and reduce the total
capacitance required for a fast transient response.
POSCAP from Sanyo is a solid electrolytic chip capacitor
that has a low ESR and good performance for high fre-
quency with a low profile and high capacitance. Above
mentioned capacitors are recommended to use in
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com