Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4607IMSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4607IMSTR
Description  Very Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4607IMSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC4607IMSTR Datasheet HTML 1Page - Semtech Corporation SC4607IMSTR Datasheet HTML 2Page - Semtech Corporation SC4607IMSTR Datasheet HTML 3Page - Semtech Corporation SC4607IMSTR Datasheet HTML 4Page - Semtech Corporation SC4607IMSTR Datasheet HTML 5Page - Semtech Corporation SC4607IMSTR Datasheet HTML 6Page - Semtech Corporation SC4607IMSTR Datasheet HTML 7Page - Semtech Corporation SC4607IMSTR Datasheet HTML 8Page - Semtech Corporation SC4607IMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.semtech.com
SC4607
Very Low Input, MHz Operation,
High Efficiency Synchronous Buck
POWER MANAGEMENT
Revision: June 1, 2005
Description
Features
Applications
Typical Application Circuit
Asynchronous start up
BiCMOS voltage mode PWM controller
Operation of frequency to 1MHz
2.25V to 5.5V input voltage range
Output voltages as low as 0.5V
+/-1% reference accuracy
Sleep mode (Icc = 10µA typ)
Adjustable lossless short circuit current limiting
Combination pulse by pulse & hiccup mode
current limit
High efficiency synchronous switching
Up to 97% duty cycle
1A peak current driver
10-pin MSOP package
Distributed power architecture
Servers/workstations
Local microprocessor core power supplies
DSP and I/O power supplies
Battery-powered applications
Telecommunications equipment
Data processing applications
The SC4607 is a voltage mode step down (buck) regula-
tor controller that provides accurate high efficiency power
conversion from an input supply range of 2.25V to 5.5V.
The SC4607 is capable of producing an output voltage
as low as 0.5V and has a maximum duty cycle of 97%. A
high level of integration reduces external component
count, and makes it suitable for low voltage applications
where cost, size, and efficiency are critical.
The SC4607 drives external, N-channel MOSFETs with a
peak gate current of 1A. The SC4607 prevents shoot
through currents by offering nonoverlap protection for
the gate drive signals of the external MOSFETs. The
SC4607 features lossless current sensing of the voltage
drop across the drain to source resistance of the high
side MOSFET during its conduction period.
The quiescent supply current in sleep mode is typically
lower than 10µA. A 1.2ms soft start is internally provided
to prevent output voltage overshoot during start-up.
The SC4607 is an ideal choice for converting 2.5V, 3.3V,
5V or other low input supply voltages. It’s available in 10
pin MSOP package
*External components can be modified to provide a Vout as low as 0.5V
R3
C3
4.7u
C2 2.2n
C6
330u
R1
14.3k
C1
180p
C14
0.1u
Vin = 2.25V - 5.5V
R6
0
R5
0
D2
L1
1.8u
C5
22u
C4
22u
Vout = 1.5V (as low as 0.5V * ) / 12A
C71
1u
M1
C10
220u
M2
C12
22u
C9
4.7n
R8
200
R7
10k
R9
4.99k
C20
560pF
VCC
2
ISET
3
COMP
4
FS/SYNC
5
BST
1
DRVH
10
DRVL
8
VSENSE
6
GND
7
PHASE
9
U1
SC4607
C11
22u
R13
1


Similar Part No. - SC4607IMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
More results

Similar Description - SC4607IMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4609 SEMTECH-SC4609 Datasheet
329Kb / 18P
Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4608 SEMTECH-SC4608 Datasheet
361Kb / 19P
Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603_08 Datasheet
325Kb / 16P
Very Low Input, MHz Operation,High Efficiency Synchronous Buck
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
High-Efficiency Synchronous Buck Controller
logo
Texas Instruments
TPS40007DGQRG4 TI1-TPS40007DGQRG4 Datasheet
858Kb / 28P
LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com