Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4607IMSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4607IMSTR
Description  Very Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4607IMSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4607IMSTR Datasheet HTML 7Page - Semtech Corporation SC4607IMSTR Datasheet HTML 8Page - Semtech Corporation SC4607IMSTR Datasheet HTML 9Page - Semtech Corporation SC4607IMSTR Datasheet HTML 10Page - Semtech Corporation SC4607IMSTR Datasheet HTML 11Page - Semtech Corporation SC4607IMSTR Datasheet HTML 12Page - Semtech Corporation SC4607IMSTR Datasheet HTML 13Page - Semtech Corporation SC4607IMSTR Datasheet HTML 14Page - Semtech Corporation SC4607IMSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC4607
POWER MANAGEMENT
Application Information (Cont.)
SC4607 application:
Input Capacitor Selection:
The input capacitor selection is based on its ripple cur-
rent level, required capacitance and voltage rating. This
capacitor must be able to provide the ripple current by
the switching actions. For the continuous conduction
mode, the RMS value of the input capacitor can be cal-
culated from:
2
in
out
in
out
OMAX
)
RMS
(
CIN
V
)
V
V
(
V
I
I
−
⋅
⋅
=
This current gives the capacitor’s power loss as follows:
)
ESR
(
CIN
)
RMS
(
CIN
2
CIN
R
I
P
⋅
=
This capacitor’s RMS loss can be a significant part of the
total loss in the converter and reduce the overall con-
verter efficiency. The input ripple voltage mainly depends
on the input capacitor’s ESR and its capacitance for a
given load, input voltage and output voltage. Assuming
that the input current of the converter is constant, the
required input capacitance for a given voltage ripple can
be calculated by:
)
R
I
V
(
fs
)
D
1
(
D
I
C
)
ESR
(
CIN
OMAX
I
OMAX
IN
⋅
−
∆
⋅
−
⋅
⋅
=
Where:
D = V
out/Vin , duty ratio and
∆V
I = the given input voltage ripple.
Because the input capacitor is exposed to the large surge
current, attention is needed for the input capacitor. If
tantalum capacitors are used at the input side of the
converter, one needs to ensure that the RMS and surge
ratings are not exceeded. For generic tantalum capaci-
tors, it is wise to derate their voltage ratings at a ratio of
2 to protect these input capacitors.
Boost Capacitor Selection:
The boost capacitor selection is based on its discharge
ripple voltage, worst case conduction time and boost
current. The worst case conduction time T
w can be esti-
mated as follows:
max
s
D
f
1
Tw
⋅
=
Where:
f
s = the switching frequency and
Dmax = maximum duty ratio, 0.97 for the SC4607.
The required minimum capacitance for boost capacitor
will be:
W
D
B
boost
T
V
I
C
⋅
=
Where:
I
B = the boost current and
V
D= discharge ripple voltage.
With f
s = 300kH, VD=0.3V and IB=50mA, the required
capacitance for the boost capacitor is:
nF
540
97
.
0
k
300
1
3
.
0
05
.
0
D
f
1
V
I
C
max
s
D
B
boost
=
⋅
⋅
=
⋅
⋅
=
Power MOSFET Selection:
The SC4607 can drive an N-MOSFET at the high side
and an N-MOSFET synchronous rectifier at the low side.
The use of the high side N-MOSFET will significantly re-
duce its conduction loss for high current. For the top
MOSFET, its total power loss includes its conduction loss,
switching loss, gate charge loss, output capacitance loss
and the loss related to the reverse recovery of the bot-
tom diode, shown as follows:
s
in
rr
OSS
s
GATE
GT
2
GS
GD
G
GATE
s
in
PEAK
_
TOP
ON
_
TOP
RMS
_
TOP
2
TOTAL
_
TOP
f
V
)
Q
Q
(
f
V
Q
)
Q
Q
(
R
V
f
V
I
R
I
P
⋅
⋅
+
+
⋅
⋅
+
+
⋅
⋅
⋅
+
⋅
=
Where:
R
G = gate drive resistor,
Q
GD = the gate to drain charge of the top MOSFET,
Q
GS2 = the gate to source charge of the top MOSFET,
Q
GT = the total gate charge of the top MOSFET,
Q
OSS = the output charge of the top MOSFET and
Q
rr = the reverse recovery charge of the bottom diode.
For the top MOSFET, it experiences high current and high
voltage overlap during each on/off transition. But for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com