Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4607IMSTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4607IMSTR
Description  Very Low Input, MHz Operation, High Efficiency Synchronous Buck
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4607IMSTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4607IMSTR Datasheet HTML 9Page - Semtech Corporation SC4607IMSTR Datasheet HTML 10Page - Semtech Corporation SC4607IMSTR Datasheet HTML 11Page - Semtech Corporation SC4607IMSTR Datasheet HTML 12Page - Semtech Corporation SC4607IMSTR Datasheet HTML 13Page - Semtech Corporation SC4607IMSTR Datasheet HTML 14Page - Semtech Corporation SC4607IMSTR Datasheet HTML 15Page - Semtech Corporation SC4607IMSTR Datasheet HTML 16Page - Semtech Corporation SC4607IMSTR Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
 2005 Semtech Corp.
www.semtech.com
SC4607
POWER MANAGEMENT
2
1
1
2
1
1
P
C
C
R
C
C
+
=
ω
9
8
2
P
C
R
1
=
ω
After the compensation, the converter will have the fol-
lowing loop gain:
C
L
s
R
L
s
1
C
R
1
s
1
s
1
s
1
s
1
s
1
s
V
V
1
)
s
(
G
)
s
(
G
G
)
s
(
T
1
2
1
4
C
2
P
2
Z
1
P
1
Z
I
I
M
VD
COMP
PWM
+
+
+
ω
+
ω
+
ω
+
ω
+
ω
=
=
Where:
G
PWM = PWM gain
V
M = 1.0V, ramp peak to valley voltage of SC4607
The design guidelines for the SC4607 applications are
as following:
1. Set the loop gain crossover corner frequency
ω
C
for given switching corner frequency
ω
S = 2πfs,
2. Place an integrator at the origin to increase DC
and low frequency gains.
3. Select
ω
Z1 and ωZ2 such that they are placed near
ω
O to damp the peaking and the loop gain has a
-20dB/dec rate to go across the 0dB line for
obtaining a wide bandwidth.
4. Cancel the zero from C
4’s ESR by a compensator
pole
ω
P1 P1 = ωESR = 1/( RCC4)).
5. Place a high frequency compensator pole
ωp
2 (ωp2
=
πf
s) to get the maximum attenuation of the switch-
ing ripple and high frequency noise with the adequate
phase lag at
ω
C.
The compensated loop gain will be as given in Figure 6:
-20dB/dec
0dB
Gvd
T(s)
ω
z1
ωz2
ω
o
ω
c
ωp1
ω
ESR
ω
p2
Loop gain T(s)
Power stage
GVD(s)
-40dB/dec
-20dB/dec
0dB
Gvd
T(s)
ω
z1
ωz2
ω
o
ω
c
ωp1
ω
ESR
ω
p2
Loop gain T(s)
Power stage
GVD(s)
-40dB/dec
Figure 6. Asymptotic diagrams of power stage and its
loop gain.
Application Information (Cont.)
Layout Guidelines:
In order to achieve optimal electrical, thermal and noise
performance for high frequency converters, special at-
tention must be paid to the PCB layouts. The goal of lay-
out optimization is to identify the high di/dt loops and
minimize them. The following guideline should be used to
ensure proper functions of the converters.
1. A ground plane is recommended to minimize noises
and copper losses, and maximize heat dissipation.
2. Start the PCB layout by placing the power compo-
nents first. Arrange the power circuit to achieve a
clean power flow route. Put all the connections on
one side of the PCB with wide copper filled areas if
possible.
3. The Vcc bypass capacitor should be placed next to
the Vcc and GND pins.
4. The trace connecting the feedback resistors to the
output should be short, direct and far away from the
noise sources such as switching node and switching
components.
5. Minimize the traces between DRVH/DRVL and the
gates of the MOSFETs to reduce their impedance to
drive the MOSFETs.
6. Minimize the loop including input capacitors, top/bot-
tom MOSFETs. This loop passes high di/dt current.
Make sure the trace width is wide enough to reduce
copper losses in this loop.
7. ISET and PHASE connections to the top MOSFET for
current sensing must use Kelvin connections.
8. Maximize the trace width of the loop connecting the
inductor, bottom MOSFET and the output capacitors.
9. Connect the ground of the feedback divider and the
compensation components directly to the GND pin
of the SC4607 by using a separate ground trace.
Then connect this pin to the ground of the output
capacitor as close as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com