Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463TSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2463TSTRT
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463TSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2463TSTRT Datasheet HTML 4Page - Semtech Corporation SC2463TSTRT Datasheet HTML 5Page - Semtech Corporation SC2463TSTRT Datasheet HTML 6Page - Semtech Corporation SC2463TSTRT Datasheet HTML 7Page - Semtech Corporation SC2463TSTRT Datasheet HTML 8Page - Semtech Corporation SC2463TSTRT Datasheet HTML 9Page - Semtech Corporation SC2463TSTRT Datasheet HTML 10Page - Semtech Corporation SC2463TSTRT Datasheet HTML 11Page - Semtech Corporation SC2463TSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Pin Descriptions (Cont.)
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
6
1C
C
V
A
y
a
m
C
I
e
h
T
.
C
I
e
h
t
y
l
p
p
u
s
o
t
r
o
t
a
l
u
g
e
r
r
a
e
n
il
l
a
n
r
e
t
x
e
e
h
t
f
o
t
u
p
t
u
o
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
n
i
p
s
i
h
T
.t
s
o
l
s
i
t
n
e
r
r
u
c
-
n
w
o
d
t
u
h
s
-
w
o
l
t
u
b
n
i
p
s
i
h
t
t
a
y
l
p
p
u
s
)
%
0
1
±
(
V
5
e
l
g
n
i
s
a
m
o
r
f
y
lt
c
e
r
i
d
d
e
r
e
w
o
p
e
b
e
c
a
l
p
,r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
u
1
f
o
m
u
m
i
n
i
m
a
h
ti
w
D
N
G
A
o
t
d
e
l
p
u
o
c
e
d
s
y
a
w
l
a
e
b
t
s
u
m
n
i
p
e
h
T
.
n
i
p
e
h
t
o
t
e
s
o
l
c
y
r
e
v
7
12
T
S
B
n
o
it
c
n
u
j
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
2
r
e
h
c
ti
w
s
M
W
P
f
o
r
e
v
ir
d
T
E
F
S
O
M
r
e
p
p
u
e
h
t
s
r
e
w
o
p
n
i
p
e
h
T
p
a
r
t
s
t
o
o
b
e
h
t
f
o
e
d
o
n
a
e
h
T
.
e
d
o
i
d
p
a
r
t
s
t
o
o
b
e
h
t
f
o
e
d
o
h
t
a
c
d
n
a
r
o
ti
c
a
p
a
c
p
a
r
t
s
t
o
o
b
e
h
t
f
o
.
C
C
V
P
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
e
d
o
i
d
8
1H
2
D
G
.
2
H
P
d
n
a
2
T
S
B
n
e
e
w
t
e
b
s
g
n
i
w
s
tI
.t
u
p
t
u
o
r
e
v
ir
d
e
t
a
g
T
E
F
S
O
M
r
e
p
p
u
2
r
e
h
c
ti
w
S
9
12
H
P
r
e
w
o
l
d
n
a
r
o
t
c
u
d
n
i
t
u
p
t
u
o
,
e
c
r
u
o
s
s
'
T
E
F
S
O
M
r
e
p
p
u
e
h
t
f
o
n
o
it
c
n
u
j
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
n
i
p
e
h
T
.
n
i
a
r
d
s
'
T
E
F
S
O
M
0
2L
2
D
G
.
D
N
G
P
d
n
a
C
C
V
P
n
e
e
w
t
e
b
s
g
n
i
w
s
tI
.t
u
p
t
u
o
r
e
v
ir
d
e
t
a
g
T
E
F
S
O
M
r
e
w
o
l
2
r
e
h
c
ti
w
S
1
2D
N
G
P
d
l
u
o
h
s
tI
.
s
r
e
h
c
ti
w
s
M
W
P
h
t
o
b
r
o
f
s
r
e
v
ir
d
e
t
a
g
r
e
w
o
l
e
h
t
r
o
f
d
n
u
o
r
g
r
e
w
o
p
e
h
t
s
e
d
i
v
o
r
p
n
i
p
e
h
T
t
u
p
n
i
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
it
a
g
e
n
e
h
t
d
n
a
s
T
E
F
S
O
M
r
e
w
o
l
e
h
t
f
o
s
e
c
r
u
o
s
e
h
t
o
t
d
e
t
c
e
n
n
o
c
e
b
.
s
r
o
ti
c
a
p
a
c
2
2C
C
V
P
r
e
w
o
l
l
a
n
r
e
t
n
i
e
h
t
y
l
p
p
u
s
o
t
r
o
t
a
l
u
g
e
r
r
a
e
n
il
l
a
n
r
e
t
x
e
e
h
t
f
o
t
u
p
t
u
o
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
n
i
p
s
i
h
T
)
%
0
1
±
(
V
5
e
l
g
n
i
s
a
m
o
r
f
y
lt
c
e
r
i
d
d
e
r
e
w
o
p
e
b
y
a
m
tI
.
s
r
e
h
c
ti
w
s
M
W
P
h
t
o
b
r
o
f
s
r
e
v
ir
d
e
t
a
g
D
N
G
P
o
t
d
e
l
p
u
o
c
e
d
s
y
a
w
l
a
e
b
t
s
u
m
n
i
p
e
h
T
.t
s
o
l
s
i
t
n
e
r
r
u
c
-
n
w
o
d
t
u
h
s
-
w
o
l
t
u
b
n
i
p
s
i
h
t
t
a
y
l
p
p
u
s
.
n
i
p
e
h
t
o
t
e
s
o
l
c
y
r
e
v
e
c
a
l
p
,r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
u
0
1
f
o
m
u
m
i
n
i
m
a
h
ti
w
3
2L
1
D
G
.
D
N
G
P
d
n
a
C
C
V
P
n
e
e
w
t
e
b
s
g
n
i
w
s
tI
.t
u
p
t
u
o
r
e
v
ir
d
e
t
a
g
T
E
F
S
O
M
r
e
w
o
l
1
r
e
h
c
ti
w
S
4
21
H
P
r
e
w
o
l
d
n
a
r
o
t
c
u
d
n
i
t
u
p
t
u
o
,
e
c
r
u
o
s
s
T
E
F
S
O
M
r
e
p
p
u
e
h
t
f
o
n
o
it
c
n
u
j
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
n
i
p
e
h
T
.
n
i
a
r
d
s
T
E
F
S
O
M
5
2H
1
D
G
.
1
H
P
d
n
a
1
T
S
B
n
e
e
w
t
e
b
s
g
n
i
w
s
tI
.t
u
p
t
u
o
r
e
v
ir
d
e
t
a
g
T
E
F
S
O
M
r
e
p
p
u
1
r
e
h
c
ti
w
S
6
21
T
S
B
n
o
it
c
n
u
j
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
1
r
e
h
c
ti
w
s
M
W
P
f
o
r
e
v
ir
d
T
E
F
S
O
M
r
e
p
p
u
e
h
t
s
r
e
w
o
p
n
i
p
e
h
T
p
a
r
t
s
t
o
o
b
e
h
t
f
o
e
d
o
n
a
e
h
T
.
e
d
o
i
d
p
a
r
t
s
t
o
o
b
e
h
t
f
o
e
d
o
h
t
a
c
d
n
a
r
o
ti
c
a
p
a
c
p
a
r
t
s
t
o
o
b
e
h
t
f
o
.
C
C
V
P
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
e
d
o
i
d
7
2N
I
V
e
h
t
e
t
a
l
u
g
e
r
o
t
T
E
F
S
O
M
l
e
n
n
a
h
c
-
N
n
a
f
o
r
o
t
s
i
s
e
r
p
u
-l
l
u
p
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
s
i
n
i
p
e
h
T
.
C
I
e
h
t
r
o
f
s
a
i
b
8
2I
D
B
l
e
n
n
a
h
c
-
N
n
a
f
o
n
i
a
r
d
e
h
t
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
I
.r
e
v
ir
d
r
o
t
s
i
s
n
a
r
t
P
N
P
s
s
a
p
s
a
i
b
l
a
n
r
e
t
x
e
e
h
T
.
T
E
F
S
O
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com