Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463TSTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2463TSTRT
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463TSTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2463TSTRT Datasheet HTML 15Page - Semtech Corporation SC2463TSTRT Datasheet HTML 16Page - Semtech Corporation SC2463TSTRT Datasheet HTML 17Page - Semtech Corporation SC2463TSTRT Datasheet HTML 18Page - Semtech Corporation SC2463TSTRT Datasheet HTML 19Page - Semtech Corporation SC2463TSTRT Datasheet HTML 20Page - Semtech Corporation SC2463TSTRT Datasheet HTML 21Page - Semtech Corporation SC2463TSTRT Datasheet HTML 22Page - Semtech Corporation SC2463TSTRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Item
Quantity
Reference
Value
Manufacturer
Part #
1
4
C1, C2, C3, C4
10uF/16V
TDK
C3216X5R1C106MT
2
1
C5
10uF
3
2
C6, C50
1uF
4
1
C8
0.1uF
5
2
C9, C16
0.1uF
6
1
C10
6.8nF
7
1
C11
680uF/4V
Sanyo
4TPB680M
8
8
C12,C18,C21,C52
C27,C28,C29,C33
Open
9
2
C13,C22
10uF
TDK
C3216X5R1C106MT
10
2
C17,C23
100uF
TDK
C4532X5R0J107MT
11
1
C14
5.6nF
12
1
C15
390pF
13
1
C19
3.3nF
14
1
C20
470uF/6.3V
Sanyo
6TPB470M
15
1
C24
680pF
16
1
C25
4.7nF
17
3
C30,C32, C51
22uF
18
1
C31
2.2nF
19
1
C53
100pF
20
2
D1, D2
SL04
Vishay
SL04
21
2
L1,L2
10uH
Coilcraft
DO5022P-103
22
2
Q1,Q4
Zetex
FZT749TA
23
4
Q2,Q3,Q5,Q6
Vishay
SUD50N03-10CP
24
1
Q7
Zetex
FZT649
25
4
R1,R13,R24,R51
10K
26
1
R2
10
27
1
R3
30K
28
2
R4,R12
2
29
1
R5
11.5K
30
3
R6,R14,R15
0
31
1
R7
180
32
2
R8,R17
1K
33
3
R9,R21,R50
20K
34
1
R10
2.05K
35
1
R11
40.2K
36
1
R16
18K
37
1
R18
150
38
1
R19
2.0K
39
1
R20
14K
40
2
R22,R23
51K
41
1
U1
Semtech Corp.
SC2463
Bill of Materia l - Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com