Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463TSTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2463TSTRT
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463TSTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2463TSTRT Datasheet HTML 8Page - Semtech Corporation SC2463TSTRT Datasheet HTML 9Page - Semtech Corporation SC2463TSTRT Datasheet HTML 10Page - Semtech Corporation SC2463TSTRT Datasheet HTML 11Page - Semtech Corporation SC2463TSTRT Datasheet HTML 12Page - Semtech Corporation SC2463TSTRT Datasheet HTML 13Page - Semtech Corporation SC2463TSTRT Datasheet HTML 14Page - Semtech Corporation SC2463TSTRT Datasheet HTML 15Page - Semtech Corporation SC2463TSTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Applications Information (Cont.)
There will not be enough modulation headroom if the on
time is simply made equal to the minimum on time of the
SC2463. For ease of control, we recommend the required
pulse width to be at least 1.5 times the minimum on
time.
IIIIInductor (L) and Ripple Current
nductor (L) and Ripple Current
nductor (L) and Ripple Current
nductor (L) and Ripple Current
nductor (L) and Ripple Current
Both step-down controllers in the SC2463 operate in
synchronous continuous-conduction mode (CCM)
regardless of the output load. The output inductor
selection/design is based on the output DC and transient
requirements. Both output current and voltage ripples
are reduced with larger inductors but it takes longer to
change the inductor current during load transients.
Conversely smaller inductors results in lower DC copper
losses but the AC core losses (flux swing) and the winding
AC resistance losses are higher. A compromise is to
choose the inductance such that peak-to-peak inductor
ripple-current
is 20% to 30% of the rated output load
current.
Assuming that the inductor current ripple (peak-to-peak)
value is
δ*I
o, the inductance value will then be
.
f
I
)
D
1
(
V
L
s
o
o
δ
−
=
The peak current in the inductor becomes (1+
δ/2)*Io
and the RMS current is
.
12
1
I
I
2
o
rms
,
L
δ
+
=
The followings are to be considered when choosing
inductors:
a) Inductor core material: For high efficiency applications
above 350KHz, ferrite, Kool-Mu and polypermalloy
materials should be used. Low-cost powdered iron cores
can be used for cost sensitive-applications below 350KHz
but with attendant higher core losses.
b) Select inductance value: Sometimes the calculated
inductance value is not available off-the-shelf. The
designer can choose the adjacent (larger) standard
inductance value. The inductance varies with
temperature and DC current. It is a good engineering
practice to re-evaluate the resultant current ripple at
the rated DC output current.
c) Current rating: The saturation current of the inductor
should be at least 1.5 times of the peak inductor current
under all conditions.
Output Capacit
Output Capacit
Output Capacit
Output Capacit
Output Capacitor (C
or (C
or (C
or (C
or (C
ooooo) and V
) and V
) and V
) and V
) and V
out
out
out
out
out Ripple
Ripple
Ripple
Ripple
Ripple
The output capacitor provides output current filtering in
steady state and serves as a reservoir during load
transient. The output capacitor can be modeled as an
ideal capacitor in series with its parasitic ESR (R
esr) and
ESL (L
esl) (Figure 1).
Co
Lesl
Resr
Figure 1. An equivalent circuit of C
o
If the current through the branch is i
b(t), the voltage
across the terminals will then be
).
t
(
i
R
dt
)
t
(
di
L
dt
)
t
(
i
C
1
V
)
t
(
v
b
esr
t
0
b
esl
b
o
o
o
+
+
+
=
∫
This basic equation illustrates the effect of ESR, ESL
and C
o on the output voltage.
The first term is the DC voltage across C
o at time t=0.
The second term is the voltage variation caused by the
charge balance between the load and the converter
output. The third term is voltage ripple due to ESL and
the fourth term is the voltage ripple due to ESR. The
total output voltage ripple is then a vector sum of the
last three terms.
Since the inductor current is a triangular waveform
with peak-to-peak value
δ*I
o, the ripple-voltage caused
by inductor current ripples is
,
f
C
8
I
v
s
o
o
C
δ
≈
∆
the ripple-voltage due to ESL is
,
D
I
f
L
v
o
s
esl
ESL
δ
=
∆
and the ESR ripple-voltage is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com