Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463TSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2463TSTRT
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463TSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC2463TSTRT Datasheet HTML 1Page - Semtech Corporation SC2463TSTRT Datasheet HTML 2Page - Semtech Corporation SC2463TSTRT Datasheet HTML 3Page - Semtech Corporation SC2463TSTRT Datasheet HTML 4Page - Semtech Corporation SC2463TSTRT Datasheet HTML 5Page - Semtech Corporation SC2463TSTRT Datasheet HTML 6Page - Semtech Corporation SC2463TSTRT Datasheet HTML 7Page - Semtech Corporation SC2463TSTRT Datasheet HTML 8Page - Semtech Corporation SC2463TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
www.semtech.com
SC2463
High Performance Quad Output
Switching Regulator
POWER MANAGEMENT
Revision: May 16, 2007
Description
Features
Applications
Typical Application Circuit
Two synchronized converters for low noise
Power up sequencing to prevent latch-up
Out of phase operation for low input ripple
Over current protection
Wide input range, 4.5 to 30V
Programmable frequency up to 700kHz
Low shutdown current 100uA
Two synchronous bucks for high efficiency at high
current
Two programmable positive linear regulators
Output voltage as low as 0.5V
Small package TSSOP-28. This product is fully
WEEE and RoHS compliant
The SC2463 is a high performance controller for multi-
output converters that can be configured for a wide vari-
ety of applications. The SC2463 utilizes PWM synchro-
nous buck topologies where efficiency is most important.
It also provides two dedicated programmable positive
linear regulators using external transistors. Each of the
four outputs is adjustable down to 0.5V. The two PWM
switchers are synchronized 180° out of phase reducing
input ripple, allowing for fewer input capacitors. Power
up sequencing prevents converter latch-up.
The SC2463 can be synchronized to other converters to
prevent beat frequencies. The wide range programmable
operating frequency allows users to optimize a converter
design. The PWM switchers sense the voltage across the
low-side MOSFETs on-resistance to efficiently provide
adjustable current-limit, eliminating costly current-sense
resistors. A POK signal is issued when soft-start is com-
plete on both PWM switchers and their outputs are within
10% of the set point.
DSL applications with multiple input voltage
requirements
Mixed-Signal applications requiring 4 positive
output voltages
Cable modem power management
Base station power management
+2.5V
R8
C8
R14
R16
C1
R18
C7
D1
Q1
C12
C3
R6
R5
C14
L2
+3.3V
C2
R17
Q4
R11
C13
R7
Q6
C20
C10
C15
+1.2V
C18
R4
C11
C19
C6
C17
Q3
R3
R1
(as low as 0.5V)
(as low as 0.5V)
Q7
L1
+3.3V
C16
+1.5V
R9
Q5
D2
+4.5-30V
R10
Q2
GD1L
23
PH1
24
GD1H
25
EO2
12
BST1
26
POK
8
SY NC
7
EO1
3
GD2L
20
FB1
2
BD4
4
FB2
13
PH2
19
GD2H
18
BST2
17
FB4
5
BD3
11
FB3
10
SS/SHDN
6
OSC
9
U1
SC2463
R12
R15
R13
C4


Similar Part No. - SC2463TSTRT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC246 MOTOROLA-SC246 Datasheet
81Kb / 2P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
SC246 NJSEMI-SC246 Datasheet
228Kb / 4P
Hermetic Triacs
SC246 NJSEMI-SC246 Datasheet
228Kb / 4P
Hermetic Triacs
logo
Digitron Semiconductors
SC246B DIGITRON-SC246B Datasheet
206Kb / 3P
THYRISTOR
SC246D DIGITRON-SC246D Datasheet
206Kb / 3P
THYRISTOR
More results

Similar Description - SC2463TSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2453 SEMTECH-SC2453 Datasheet
263Kb / 14P
High Performance Quad Output Switching Regulator
SC2453 SEMTECH-SC2453_05 Datasheet
416Kb / 22P
High Performance Quad Output Switching Regulator
logo
Active-Semi, Inc
ACT334 ACTIVE-SEMI-ACT334 Datasheet
103Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT365 ACTIVE-SEMI-ACT365 Datasheet
134Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337_12 Datasheet
402Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_12 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
ACT366 ACTIVE-SEMI-ACT366_12 Datasheet
323Kb / 11P
High Performance ActivePSRTM Primary Switching Regulator
Rev 1, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_14 Datasheet
398Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_14 Datasheet
274Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 4, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com