Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2463TSTRT Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC2463TSTRT
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463TSTRT Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC2463TSTRT Datasheet HTML 15Page - Semtech Corporation SC2463TSTRT Datasheet HTML 16Page - Semtech Corporation SC2463TSTRT Datasheet HTML 17Page - Semtech Corporation SC2463TSTRT Datasheet HTML 18Page - Semtech Corporation SC2463TSTRT Datasheet HTML 19Page - Semtech Corporation SC2463TSTRT Datasheet HTML 20Page - Semtech Corporation SC2463TSTRT Datasheet HTML 21Page - Semtech Corporation SC2463TSTRT Datasheet HTML 22Page - Semtech Corporation SC2463TSTRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Typical Characteristics
20MS/DIV
A: SS/SHDN PIN VOLTAGE, 5V/DIV
B: CH1 OUTPUT VOLTAGE, 5V/DIV
C: CH2 OUTPUT VOLTAGE, 5V/DIV
D: CH3 OUTPUT VOLTAGE, 2V/DIV
ST
ST
ST
ST
STARTUP SEQUENCE(1)
ARTUP SEQUENCE(1)
ARTUP SEQUENCE(1)
ARTUP SEQUENCE(1)
ARTUP SEQUENCE(1)
500NS/DIV
A: CH1 OUTPUT VOLTAGE, 10V/DIV
B: CH2 OUTPUT VOLTAGE, 10V/DIV
ST
ST
ST
ST
STARTUP SEQUENCE(2)
ARTUP SEQUENCE(2)
ARTUP SEQUENCE(2)
ARTUP SEQUENCE(2)
ARTUP SEQUENCE(2)
STEAD
STEAD
STEAD
STEAD
STEADY ST
Y ST
Y ST
Y ST
Y STA
A
A
A
ATE OPERA
TE OPERA
TE OPERA
TE OPERA
TE OPERATION
TION
TION
TION
TION
SWITCHER1 LOAD TRANSIENT
SWITCHER1 LOAD TRANSIENT
SWITCHER1 LOAD TRANSIENT
SWITCHER1 LOAD TRANSIENT
SWITCHER1 LOAD TRANSIENT
200US/DIV
A: CH1 LOAD CURRENT, 0.25A/US, 0.5A/DIV
C: CH2 OUTPUT VOLTAGE, 50MV/DIV
LDO CH3 LOAD TRANSIENT
LDO CH3 LOAD TRANSIENT
LDO CH3 LOAD TRANSIENT
LDO CH3 LOAD TRANSIENT
LDO CH3 LOAD TRANSIENT
OVERCURRENT PROTECTION
OVERCURRENT PROTECTION
OVERCURRENT PROTECTION
OVERCURRENT PROTECTION
OVERCURRENT PROTECTION
10US/DIV
A: CH1 PH1 VOLTAGE, 10V/DIV
B: CH1 INDUCTOR CURRENT, 2A/DIV
200US/DIV
A: CH1 LOAD CURRENT, 0.25A/US, 0.5A/DIV
C: CH3 OUTPUT VOLTAGE, 20MV/DIV
10MS/DIV
A: CH1 OUTPUT VOLTAGE, 5V/DIV
B: CH2 OUTPUT VOLTAGE, 2V/DIV
C: CH3 OUTPUT VOLTAGE, 1V/DIV
D: CH4 OUTPUT VOLTAGE, 2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com