Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 5 Page - Semtech Corporation

  SC802 Datasheet HTML 1Page - Semtech Corporation SC802 Datasheet HTML 2Page - Semtech Corporation SC802 Datasheet HTML 3Page - Semtech Corporation SC802 Datasheet HTML 4Page - Semtech Corporation SC802 Datasheet HTML 5Page - Semtech Corporation SC802 Datasheet HTML 6Page - Semtech Corporation SC802 Datasheet HTML 7Page - Semtech Corporation SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
© 2005 Semtech Corp.
www.semtech.com
SC802/SC802A
POWER MANAGEMENT
PRELIMINARY
Pin Configuration
Ordering Information
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
E
S
B
e
v
a
e
l
t
o
n
o
D
.
e
g
a
t
l
o
v
y
r
e
t
t
a
b
e
s
n
e
s
n
i
v
l
e
K
o
t
l
a
n
i
m
r
e
t
y
r
e
t
t
a
b
o
t
t
c
e
n
n
o
C
.
n
i
p
e
s
n
e
s
e
g
a
t
l
o
v
y
r
e
t
t
a
B
.
g
n
i
t
a
o
l
f
n
i
p
s
i
h
t
2M
G
R
P
V
.
e
l
b
a
t
s
u
j
d
a
=
r
o
t
s
i
s
e
R
.
V
2
.
4
=
h
g
i
h
c
i
g
o
L
.
V
1
.
4
=
w
o
l
c
i
g
o
L
.
n
i
p
m
a
r
g
o
r
p
e
g
a
t
l
o
v
e
l
b
a
t
c
e
l
e
S
3M
G
R
P
I
-
t
s
a
f
m
a
r
g
o
r
p
o
t
d
n
u
o
r
g
o
t
r
o
t
s
i
s
e
r
a
s
e
r
i
u
q
e
R
.
e
d
o
m
e
g
r
a
h
c
t
s
a
f
n
i
n
i
p
m
a
r
g
o
r
p
t
n
e
r
r
u
c
r
e
g
r
a
h
C
.
t
n
e
r
r
u
c
e
g
r
a
h
c
4M
R
E
T
I
m
a
r
g
o
r
p
o
t
d
n
u
o
r
g
o
t
r
o
t
s
i
s
e
r
a
s
e
r
i
u
q
e
R
.
t
n
e
r
r
u
c
e
g
r
a
h
c
-
e
r
p
d
n
a
n
o
i
t
a
n
i
m
r
e
t
t
n
e
r
r
u
c
r
o
f
n
o
i
t
c
e
l
e
S
.
t
n
e
r
r
u
c
n
o
i
t
a
n
i
m
r
e
t
d
n
a
e
g
r
a
h
c
-
e
r
p
5D
N
G
F
E
R
.
l
a
n
i
m
r
e
t
e
v
i
t
a
g
e
n
y
r
e
t
t
a
b
o
t
n
o
i
t
c
e
n
n
o
c
n
i
v
l
e
K
s
w
o
ll
A
.
d
n
u
o
r
G
e
c
n
e
r
e
f
e
R
6D
N
Gd
n
u
o
r
G
7C
T
N
-
N
E
w
o
l
c
i
g
o
L
.
e
c
i
v
e
d
s
e
l
b
a
n
e
h
g
i
h
c
i
g
o
L
.
n
i
p
t
u
p
n
i
C
T
N
d
n
a
e
l
b
a
s
i
d
/
e
l
b
a
n
e
e
c
i
v
e
D
d
e
n
i
b
m
o
C
.
n
o
i
t
c
n
u
f
C
T
N
e
h
t
e
l
b
a
n
e
C
C
V
5
7
.
0
d
n
a
C
C
V
3
.
0
n
e
e
w
t
e
b
s
e
g
a
t
l
o
v
g
o
l
a
n
A
.
e
c
i
v
e
d
s
e
l
b
a
s
i
d
8
B
P
I
B
.
e
d
o
m
e
g
r
a
h
c
s
t
c
e
l
e
s
w
o
L
=
B
P
I
B
.
e
d
o
m
O
D
L
/
e
g
r
a
h
C
s
t
c
e
l
e
s
)
B
P
I
B
(
r
a
B
e
c
a
l
P
n
i
y
r
e
t
t
a
B
s
n
o
i
t
c
n
u
f
t
u
o
-
r
e
m
i
t
d
n
a
e
g
r
a
h
C
-
e
r
P
s
e
l
b
a
s
i
d
h
c
i
h
w
e
d
o
m
O
D
L
s
t
c
e
l
e
s
h
g
i
H
=
B
P
I
B
9C
F
A
.
e
u
l
a
v
t
n
e
r
r
u
c
e
g
r
a
h
c
t
s
a
f
f
o
l
o
r
t
n
o
c
g
o
l
a
n
a
r
o
f
C
A
D
o
t
t
c
e
n
n
o
C
.
g
n
i
t
t
e
S
e
g
r
a
h
C
t
s
a
F
g
o
l
a
n
A
.
n
e
p
o
e
v
a
e
l
t
o
n
o
D
.
C
F
A
e
l
b
a
s
i
d
o
t
C
C
V
o
t
t
c
e
n
n
o
C
0
1B
G
R
H
C
t
u
p
t
u
o
e
h
t
d
n
a
n
o
s
i
r
e
g
r
a
h
C
e
h
t
n
e
h
w
w
o
l
e
v
i
t
c
a
s
i
t
u
p
t
u
o
e
h
T
.
n
i
P
s
u
t
a
t
S
r
e
g
r
a
h
C
n
i
a
r
D
n
e
p
O
h
g
i
h
o
t
s
e
h
c
t
i
w
s
t
u
p
t
u
o
e
h
T
.
e
u
l
a
v
t
n
e
r
r
u
c
n
o
i
t
a
n
i
m
r
e
t
e
h
t
s
d
e
e
c
x
e
t
n
e
r
r
u
c
.
A
m
0
1
k
n
i
s
n
a
c
n
i
p
s
i
h
T
.
n
o
i
t
a
n
i
m
r
e
t
I
<
t
u
o
I
n
e
h
w
e
c
n
a
d
e
p
m
i
1
1B
P
C
s
i
h
T
.
O
L
V
U
s
d
e
e
c
x
e
C
C
V
e
h
t
n
e
h
w
w
o
l
e
v
i
t
c
a
s
i
t
u
p
t
u
o
e
h
T
.
r
o
t
a
c
i
d
n
i
t
n
e
s
e
r
p
r
e
g
r
a
h
C
n
i
a
r
D
n
e
p
O
.
A
m
0
1
k
n
i
s
n
a
c
n
i
p
E
C
I
V
E
D
)
1
(
E
G
A
K
C
A
P
R
T
L
M
I
2
0
8
C
S6
1
-
P
L
M
T
R
T
L
M
I
2
0
8
C
S
)
2
(
6
1
-
P
L
M
T
R
T
L
M
I
A
2
0
8
C
S
)
2
(
6
1
-
P
L
M
B
V
E
2
0
8
C
S
)
3
(
d
r
a
o
B
n
o
i
t
a
u
l
a
v
E
Note:
(1) Only available in tape and reel packaging. A reel contains
3,000 devices.
(2) TRT extension designates the lead-free leadframe package
option. This product is fully WEEE and RoHS compliant.
(3) Specify the desired IC part number when ordering.
(MLP-16 Lead: 4x4)
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com