Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 1 Page - Semtech Corporation

  SC802 Datasheet HTML 1Page - Semtech Corporation SC802 Datasheet HTML 2Page - Semtech Corporation SC802 Datasheet HTML 3Page - Semtech Corporation SC802 Datasheet HTML 4Page - Semtech Corporation SC802 Datasheet HTML 5Page - Semtech Corporation SC802 Datasheet HTML 6Page - Semtech Corporation SC802 Datasheet HTML 7Page - Semtech Corporation SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.semtech.com
SC802/SC802A
Fully Integrated Lithium-Ion
Battery Charger System with Timer
POWER MANAGEMENT
June 13, 2005
Features
Applications
Typical Application Circuit
Fully integrated charger with FET pass transistor,
reverse-blocking diode, sense resistor, timer, and
thermal protection
Complete voltage ranges of 4.1V, 4.2V & adjust-
able
Programmable precharge, fastcharge & termina-
tion current
Battery voltage controlled to 1% accuracy
Soft-start for glitch-free adaptor plug-in
Up to 1A continuous charge current
Charge current monitor output for microcontroller
or ADC interface
Input voltage range from 4.3V to 14V
0.1μA battery drain current in shutdown and
monitor modes
Operates without a battery in regulated LDO mode
Small 4mm x 4mm 16 lead MLP package
NTC thermistor sense input
Adjustable 6 Hour programmable charge timer
Over current protection in all charging modes
Over voltage protection
Remote Kelvin sensing at the battery terminals
ADC input control capable
Status output communicates charging and end of
charge cycle
Charges Li-Ion, Li-Polymer, NiCd and NiMH
Batteries
Cellular phones
PDA’s
Handheld meters
Charging stations
Handheld computers
Digital cameras
Programmable current source
The SC802 is a fully integrated, single cell, constant-cur-
rent/constant-voltage Lithium-Ion\Lithium Polymer bat-
tery charger. With an integrated timer and complete
charge control algorithm, the SC802 is well suited for
stand-alone charger applications. The SC802 contains
programmable pre-charge, fast-charge, and termination
current settings. The SC802 can be programmed to ter-
minate charge based on the output current or the time-
out of the programmable timer. The fast charge current
is typically set with an external resistor but can be modi-
fied with the analog fast charge input to allow a Power
Management Controller to control the fastcharge current
setting via DAC.
The 14V input voltage range of the SC802 eliminates
additional protection circuitry required by other 5V charg-
ers in the event of faulty adapters.
Reference ground and battery sense inputs are provided
to allow Kelvin connections to eliminate IR voltage drops
during charging.
The output voltage to the battery is controlled to within
1% of the programmed voltage for either 4.1V or 4.2V.
The SC802 can also function as a general purpose cur-
rent source or as a current source for charging nickel-
cadmium (NiCd) and nickel-metal-hydride (NiMH) batter-
ies using NTC termination.
The SC802A version of the device is optimized for high
termination current applications. All descriptions and text
refering to the SC802 also apply to the SC802A unless
otherwise noted.
Description
CHARGER VIN
t
RT1
THERMISTOR
CHARGER
ADC Iset
R6
1K
PRESENT
R5
1K
R3
R
R4
C1
1uF
R1
SC802
14
1
3
7
4
15
12
10
2
11
5
8
13
6
16
9
VCC
BSEN
IPRGM
EN/NTC
ITERM
VOUT
RTIM
CHRGB
VPRGM
CPB
RFGND
BIPB
VCC
GND
VOUT
AFC
CHARGE
C2
2.2uF
R2
BATTERY


Similar Part No. - SC802

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Fuji Electric
SC802-04 FUJI-SC802-04 Datasheet
218Kb / 2P
SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04 Datasheet
61Kb / 3P
SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04_01 Datasheet
61Kb / 3P
SCHOTTKY BARRIER DIODE
SC802-06 FUJI-SC802-06 Datasheet
87Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - SC802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
Lithium-ion Battery Charger Controller IC with Timer
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Semtech Corporation
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
Fully Integrated Lithium-Ion Battery Charger System with Timer
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com