Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 5Page - Semtech Corporation SC802 Datasheet HTML 6Page - Semtech Corporation SC802 Datasheet HTML 7Page - Semtech Corporation SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation SC802 Datasheet HTML 12Page - Semtech Corporation SC802 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
© 2005 Semtech Corp.
www.semtech.com
SC802/SC802A
POWER MANAGEMENT
PRELIMINARY
Applications Information Cont.
perature returns to the valid range the SC802 automati-
cally resumes the charge cycle. The charge timer will
time-out when the SC802 output on-time exceeds the
timer setting regardles of how long it has been disabled
due to temperature. The internal NTC thresholds of 30%
and 75% VCC were designed to work with curve-2 type
thermistors available from numerous vendors.
Design Example based on the typical application sche-
matic of page 1 using a Curve 2 Vishay-Dale NTC.
Thot = 50oC
Tcold = 0oC
Find R3 and RT1
Step 1: Pick an RT1 value high enough to prevent self-
heating.
()
DC
V(RT1)
RT1
2
≥
In general lower values of RT1 provide more noise for
the NTC voltage at the expense of bias current from the
input adapter. The dissipation constant DC is the power
rating of the NTC resulting in a 1oC self heating error.
The DC value for this NTC is 3mW and the voltage across
the NTC is 2.5V for a 5V adapter. Therefore RT1 > 2k.
Set RT1 = 10k
Step 2: Find R3 to set the correct Hot level trip point
9.52k
R
R
R
2.33
R3
T25
T50
T25
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
=
The closest standard resistor value is 9.53k. RT(temp)/
RT(25oC) is often referred to as the ratio at the given
temp. For this NTC at 50oC the ratio is 0.4086.
Step 3: Calculate the Tcold value.
2.86
10k
R3
3
RT
RT
25
COLD
=
⎟
⎠
⎞
⎜
⎝
⎛
×
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
The ratio for the Curve 2 NTC at 0o is 2.816. The differ-
ence represents less than 1/2oC (ie actual trip would be
-0.5oC instead of 0oC.) For temperature trip values other
than 0oC and 50oC alternate curve-type NTC elements
can be used or an additional resistor can be added to
the Rntc divider to alter the temperture coefficient.
LED Flags
There are two LED drivers on the SC802: CHRGB (Charge)
and CPB (Charger Present). These outputs are open drain
NMOS drivers for controlling LEDs directly. The Table be-
low defines each LED output state.
D
E
L
G
A
L
F
N
OF
F
Og
n
i
k
n
i
l
B
B
P
C
O
L
V
U
<
C
C
V
<
P
V
O
r
e
w
o
P
d
o
o
G
t
o
N
X
B
G
R
H
C
>
t
u
o
I
m
r
e
t
I
<
t
u
o
I
*
m
r
e
t
I
e
g
r
a
h
C
e
r
P
C
T
N
r
o
t
l
u
a
F
* Output remains on when timer is enabled and t < timeout
The CPB output can be used for a VCC indicator. Re-
gardless of the state of EN, the CPB output reflects the
voltage of the VCC (adapter) input. When VCC is between
the UVLO and OVP thresholds the CPB output is low.
The CHRGB output signifies the charging status. When
the output current is > Itermination, CHRGB=low. CHRGB
is high when Iout is < Itermination. The CHRGB output is
latched during the charge cycle when the output current
is less than Itermination. This latch is reset when the
battery enters a re-charge cycle, or if BIPB, EN, or VCC
are toggled. The CHRGB indicator operates the same
way in both charge and ldo mode.
There are five fault modes detected by the SC802; (In-
put under voltage, input over voltage, NTC temperature,
Max die temperature or OT and pre-charge timeout) The
LED states for these fault modes are shown below.
t
l
u
a
FB
P
CB
G
R
H
C
O
L
V
U
C
C
V
r
o
P
V
O
C
C
V
f
f
of
f
o
t
l
u
a
F
C
T
N
n
og
n
i
k
n
il
B
e
g
r
a
h
C
-
e
r
P
t
u
o
-
e
m
i
T
n
og
n
i
k
n
il
B
C
0
5
1
>
j
T
f
f
of
f
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com