Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 4Page - Semtech Corporation SC802 Datasheet HTML 5Page - Semtech Corporation SC802 Datasheet HTML 6Page - Semtech Corporation SC802 Datasheet HTML 7Page - Semtech Corporation SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation SC802 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
© 2005 Semtech Corp.
www.semtech.com
SC802/SC802A
POWER MANAGEMENT
Prelimi-
nary
Charge Timer
The timer on the SC802 is used as protection in the case
of a faulty battery and to maximize charging capacity. Tie
the RTIM pin to VCC to select the internal timer, GND to
disable the timer. Connecting a resistor between RTIM
and GND will program the total charge time according to
the following equation with the charge time expressed in
hours.
Ω
×
=
12.5k
Time
Q
Total
RTIM
The timer is programmable over the range of 2 to 6hrs.
The internal timer selection results in a charge time of
3hrs. The CHRGB blink rate in fault condtions is a func-
tion of the timer setting when an external RTIM is used.
The SC802 will automatically turn off the output when
the charge timer times out.
LDO Mode
The SC802 is designed to work with or without a battery.
If the battery is not in place the device can enter the
LDO mode. In this mode the SC802 will act like a low
dropout regulator. The output voltage is set to 4.1V, 4.2V
or externally set by a resistor divider. See the section
titled “Configuring the output voltage to the battery” for
setting an output voltage. The input pin BIPB (Battery In
Place Bar) is used to switch the SC802 from charger
mode to LDO mode. If this pin is logic high the device will
be in LDO mode, if it is logic low it will be in the charger
mode. During LDO mode the device will regulate the out-
put voltage with a current limit set by the resistor tied to
the IPRGM pin. The BIPB pin should never be left float-
ing. It should be tied through pull-up/pull-down resistors
when connected to a high impedance control pin or it
can be connected directly to the VCC pin or GND.
EN-NTC Interface
The Enable pin on the SC802 provides two functions. It
can be used to turn on/off the device by driving it to
VCC/Ground. It can also be connected to an external
resistor divider consisting of a resistor and an NTC Ther-
mistor to disable the charge cycle when the temperature
is out of range. This configuration is shown in the typical
application schematic on page 1 of the datasheet. When
the NTC voltage from the divider is above or below the
hot and cold temperature threshold values the SC802
will suspend the charge cycle by turning off the output,
freezing the charge timer, and indicating a fault on the
CHRGB LED. Hysteresis is included for both thresholds
to avoid chatter at the NTC trip points. When the tem-
Applications Information Cont.
Termination Current
Once the battery reaches the program voltage of 4.1V,
4.2V or externally set voltage, the device will transition
from a constant current source to a constant voltage
source. The current through the battery begins to de-
crease while the voltage remains constan until it falls
below the programmed termination current set by the
termination resistor on the ITERM pin. The SC802 will
turn off the CHRGB Led. If the timer is enabled the out-
put will continue to float charge in CV mode until the
timer expires. If the timer is disabled than the output will
turn off as soon as the termination current level is
reached. The equation for setting the the termination
current
The termination current is programmable up to 67mA
for the SC802. The termination current is programmable
up to 150mA with VCC=5V on the SC802A.
Monitor Mode
When a charge cycle is completed, the SC802 output
turns off and the device enters monitor mode. If the
voltage of the battery falls below the recharge threshold
of CV-100mV the charger will clear the charge timer and
re-initiate a charge cycle. The maximum current drain of
the battery during monitor mode will be no more than
1uA over temperature. The status of the charger output
as a function of BIPB, Timer, and IOUT is shown below.
t
u
p
t
u
O
e
t
a
t
S
B
P
I
Br
e
m
i
Tt
u
o
I
n
O
h
g
i
HA
/
NA
/
N
n
O
w
o
Lr
e
m
i
T
<
TA
/
N
f
f
O
w
o
Lr
e
m
i
T
>
TA
/
N
f
f
O
w
o
Ld
e
l
b
a
s
i
Dn
o
it
a
n
i
m
r
e
tI
<
88
R
1.5
ITERM
:
SC802
TERM
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
97
R
1.5
ITERM
:
SC802A
TERM
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com