Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC802 Datasheet HTML 8Page - Semtech Corporation SC802 Datasheet HTML 9Page - Semtech Corporation SC802 Datasheet HTML 10Page - Semtech Corporation SC802 Datasheet HTML 11Page - Semtech Corporation SC802 Datasheet HTML 12Page - Semtech Corporation SC802 Datasheet HTML 13Page - Semtech Corporation SC802 Datasheet HTML 14Page - Semtech Corporation SC802 Datasheet HTML 15Page - Semtech Corporation SC802 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
© 2005 Semtech Corp.
www.semtech.com
SC802/SC802A
POWER MANAGEMENT
Prelimi-
nary
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Land Pattern - MLP-16 (4 x 4 x 0.9mm)
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
2x G
H
2x (C)
2x Z
X
P
Y
K
C
Z
P
Y
X
G
K
H
.189
.026
.016
.037
.114
.091
.091
4.80
0.40
0.95
0.65
2.30
2.30
2.90
DIM
(3.85)
MILLIMETERS
DIMENSIONS
(.152)
INCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com