Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3003 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SH3003
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003 Datasheet(HTML) 4 Page - Semtech Corporation

  SH3003 Datasheet HTML 1Page - Semtech Corporation SH3003 Datasheet HTML 2Page - Semtech Corporation SH3003 Datasheet HTML 3Page - Semtech Corporation SH3003 Datasheet HTML 4Page - Semtech Corporation SH3003 Datasheet HTML 5Page - Semtech Corporation SH3003 Datasheet HTML 6Page - Semtech Corporation SH3003 Datasheet HTML 7Page - Semtech Corporation SH3003 Datasheet HTML 8Page - Semtech Corporation SH3003 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
©2006 Semtech Corp.
SH3003
www.semtech.com
Not authorized for release outside of Semtech
- DRAFT
POWER MANAGEMENT
Parameter
Symbol
Min
Typ
Max
Units
Crystal operating frequency
F
OP
32.768
kHz
CLK32 duty cycle
DC
25
75
%
Start-up time
T
ST
3
secs
XIN/XOUT padding capacitance after power-up
C
PUP
12.5
pF
Minimum X
IN/XOUT padding capacitance
C
MIN
10
pF
Maximum X
IN/XOUT padding capacitance
C
MAX
40
pF
Padding capacitance resolution
C
RES
2pF
X
IN switching threshold
V
TH
0.6
V
X
IN to CLK32 delay
T
D
0.5
ppm/°C
CLK32 frequency stability (crystal-dependent)
F
S
1
μs
CLK32 cycle-to-cycle jitter
J
0.05
%
CLK32 rise/fall time (10pF load)
T
RF
10
ns
CLK32 logic output low (0.5mA load)
V
OL
0.25
0.5
V
CLK32 logic output high (0.5mA load)
V
OH
-0.5
-0.25
Ref VDD*
Crystal Oscillator
*Note: VDD here is VDD during normal operation and VBAK during battery backup.
Parameter
Symbol
Min
Typ
Max
Units
External 1MΩ referenced nominal frequency
F
EXT
32.768
kHZ
Internal 1MΩ referenced nominal frequency
F
INT
32.768
kHZ
CLK32 duty cycle*
DC
40
60
%
Programmed frequency accuracy at 25°C
F
ST
-1
+1
%
Absolute accuracy (temp. & supply external 1MΩ)F
DE
±2
%
Absolute accuracy (temp. & supply internal 1MΩ)
F
DI
±3
%
Frequency temperature stability (ext. 1MΩ)F
SE
100
ppm/°C
Frequency temperature stability (int. 1MΩ)F
SI
200
ppm/°C
Power on start-up time
T
ST
70
μs
CLK32 cycle-to-cycle jitter*
J
0.1
%
32.768kHz RC Oscillator
*Note: After power-up, pin CLK32 is disabled, pin RREF is also disabled, and the oscillator is set to operate without the
external reference resistor.
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com