Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3003 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SH3003
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SH3003 Datasheet HTML 8Page - Semtech Corporation SH3003 Datasheet HTML 9Page - Semtech Corporation SH3003 Datasheet HTML 10Page - Semtech Corporation SH3003 Datasheet HTML 11Page - Semtech Corporation SH3003 Datasheet HTML 12Page - Semtech Corporation SH3003 Datasheet HTML 13Page - Semtech Corporation SH3003 Datasheet HTML 14Page - Semtech Corporation SH3003 Datasheet HTML 15Page - Semtech Corporation SH3003 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
©2006 Semtech Corp.
SH3003
www.semtech.com
Not authorized for release outside of Semtech
- DRAFT
POWER MANAGEMENT
The second circuit for supervising the processor is the
watchdog timer. Whereas the low VDD/Brownout Detector
monitors supply voltage, the watchdog timer monitors be-
havior. It is based on a programmable timer that must be
restarted periodically by the host micro. If software fails
to restart the timer, the watchdog resets the processor.
Restarting the timer takes considerable processing, mak-
ing it unlikely that it would occur accidentally, as might
happen for a simple pin-strobe configuration of typical
watchdog IC.
The watchdog is disabled after reset occurs. It stays dis-
abled until initialized by the host processor. The initializa-
tion requires the watchdog clock mode to be selected (see
Figure 1) and the 7-bit time-out value to be set. As soon
as the time-out is written, the watchdog begins operations
and can not be stopped; also, the time-out value and or
clock source can no longer be changed.
The two clock sources available for the watchdog are the
internal 32.768kHz clock and the CLKOUT signal. When
operating from the 32.768kHz source, the time-out inter-
val is programmable from 7.8125ms to one second with
resolution of 7.8125ms. The internal 32.768kHz clock is
running all the time, therefore the time-out duration is
fixed and predictable.
When operating from the CLKOUT signal the time-interval is
programmable between 256 and 32768 cycles of CLKOUT
with resolution of 256 cycles. The actual time-out duration
is variable and depends both on the frequency of CLKOUT
signal and the amount of time target micro spends in the
STOP mode, when the CLKOUT signal is also stopped.
These two clock modes, together with the programmable
time-out value, allow the SH3003 exceptional flexibility,
previously unattainable by existing discrete watchdog so-
lutions.
The watchdog timer is kept from timing out by periodic
reload of the time-out value, triggered by a write of a code
byte to the Watchdog Reload Register. As a further safety
measure, there are two different and alternating code
bytes that should be written to the same Watchdog Re-
load Register. The code values are 0x5A and 0xC3. The
timer is reloaded after every write of a single code byte.
The code byte should be written to the Watchdog Reload
Register, or reset is activated when the watchdog timer
expires. Also, reset is initiated immediately if the value of
the code byte is incorrect or out of sequence. When the
watchdog triggers the reset, its duration is 12ms.
Using two separate software routines, each to write one of
the code values, results in the highest level of system se-
curity. These routines must execute in the correct order. It
is unlikely that runaway code could manage this. In addi-
tion, this design makes it difficult for the code to become
stuck in a tight loop resetting the watchdog.
Application Information (continued)
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com