Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3003 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SH3003
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003 Datasheet(HTML) 1 Page - Semtech Corporation

  SH3003 Datasheet HTML 1Page - Semtech Corporation SH3003 Datasheet HTML 2Page - Semtech Corporation SH3003 Datasheet HTML 3Page - Semtech Corporation SH3003 Datasheet HTML 4Page - Semtech Corporation SH3003 Datasheet HTML 5Page - Semtech Corporation SH3003 Datasheet HTML 6Page - Semtech Corporation SH3003 Datasheet HTML 7Page - Semtech Corporation SH3003 Datasheet HTML 8Page - Semtech Corporation SH3003 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
www.semtech.com
MicroBuddy® Support IC
for Microcontrollers
POWER MANAGEMENT
SH3003
May 23, 2006
Three components make a complete system: any
microcontroller, the SH3003, and a bypass capacitor. This
low-cost system would consume very little power and have
clock-frequency accuracy of ± 0.5%. A fourth component,
a 32.768kHz crystal, raises the clock frequency accuracy
to ± 0.0256% (± 256 ppm).
The SH3003 can operate completely stand-alone, or un-
der control of the microcontroller. A single-wire interface
handles both bi-directional communications and the in-
terrupt/wake-up signal from the SH3003. The SH3003
stores all configuration, calibration, parameters, and sta-
tus information in a 36-byte bank of control registers. On
reset, most of these are reloaded with defaults from the
factory-set non-volatile memory. The microcontroller can
change any settings on the fly. If some of the settings must
remain fixed, a comprehensive set of write-protect bits is
provided for several related groups of registers (with both
permanent write-inhibit and lock/unlock capabilities).
A backup power source may also be connected to the
SH3003. The IC can directly accommodate 2/3-cell zinc-
carbon/alkaline, 2/3-cell mercury, 2/3/4-cell NiCd/NiMH,
one cell Li/Li+ batteries, or a super cap.
The programmable SH3003 MicroBuddy® (μBuddy®)
provides
all
mandatory
microcontroller
support
functions:
CPU Supervisor
Clock Management System
Real-Time Support
Auxiliary Functions
Home automation and security
Consumer products
Portable/handheld computers
Industrial equipment
Any microcontroller-based product
Highly integrated
IC - 3mm x 3mm x 0.9mm, 16-lead MLP
(QFN) package
CPU Supervisor
Low VDD reset programmable from 2.3V to 4.3V
Watchdog timer with programmable time out
periods
Both active-high and active-low reset outputs
Clock Management System
Replaces high-frequency (HF) crystal or resonator
Programmable clock output from 32.768kHz to
16MHz
Speed shift between multiple clock frequencies
Adjustable spectrum spreading for EMI reduction
Directly supports microcontroller STOP function
Deep sleep with instantaneous auto-wakeup
Real-Time Support
179 year real-time clock, battery-backup capable
Dedicated 32.768kHz buffered clock output
Built-in trim for 32.768kHz oscillator to ±4ppm
Programmable periodic interrupt/wakeup timer
Auxiliary Functions
4-byte (32-bit) scratchpad RAM, loaded on reset
with factory-set value (zero or optional ID code)
All settings programmable in real time, defaults
restored from nonvolatile memory on reset
Operates from 2.3V to 5.5V
IDD < 850μA /2MHz, < 3mA / 16MHz, <10μA/
standby - IBUP < 2μA / IBSB <50nA (battery back
up/standby)
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Description
Features
Applications


Similar Part No. - SH3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SH300 LITTELFUSE-SH300 Datasheet
450Kb / 4P
Gas Discharge Tubes
Revised: GD. 03/09/21
logo
Semtech Corporation
SH3000 SEMTECH-SH3000 Datasheet
421Kb / 24P
Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
354Kb / 22P
Reset Management and Clock Management Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
421Kb / 24P
Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3000IMLTR SEMTECH-SH3000IMLTR Datasheet
421Kb / 24P
Low-Power Programmable Multifunction Support IC for Microcontrollers
More results

Similar Description - SH3003

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
List of Unclassifed Man...
MB39A103 ETC-MB39A103 Datasheet
107Kb / 4P
4-Channel DC/DC Converter IC with Support for Low Voltage
logo
Maxim Integrated Produc...
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
logo
Sanyo Semicon Device
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
CMOS IC Audistry support Audio DSP
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
Real-Time Clock and Clock Management Support IC for Microcontrollers
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
Reset Management and Clock Management Support IC for Microcontrollers
SH3000 SEMTECH-SH3000 Datasheet
421Kb / 24P
Low-Power Programmable Multifunction Support IC for Microcontrollers
logo
Sanken electric
SMA6843MP SANKEN-SMA6843MP_08 Datasheet
448Kb / 2P
Support for 3-shunt
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
For Home Stereo IC with Electronic Tuning Support Single-Chip IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com