Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3003 Datasheet(PDF) 25 Page - Semtech Corporation

Part # SH3003
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SH3003 Datasheet HTML 21Page - Semtech Corporation SH3003 Datasheet HTML 22Page - Semtech Corporation SH3003 Datasheet HTML 23Page - Semtech Corporation SH3003 Datasheet HTML 24Page - Semtech Corporation SH3003 Datasheet HTML 25Page - Semtech Corporation SH3003 Datasheet HTML 26Page - Semtech Corporation SH3003 Datasheet HTML 27Page - Semtech Corporation SH3003 Datasheet HTML 28Page - Semtech Corporation SH3003 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
25
SH3003
POWER MANAGEMENT
Typical Characteristics (continued)
Standby Current over Temperature (VDD = 5 V)
0.0
5.0
10.0
15.0
20.0
25.0
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (ºC)
Crystal 32.768 kHz
Internal 32.768 kHz
Standby current over VDD (Temp. = 25ºC)
4
5
6
7
8
9
10
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
Crystal 32.768 kHz
Internal 32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com