Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3003 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SH3003
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SH3003 Datasheet HTML 11Page - Semtech Corporation SH3003 Datasheet HTML 12Page - Semtech Corporation SH3003 Datasheet HTML 13Page - Semtech Corporation SH3003 Datasheet HTML 14Page - Semtech Corporation SH3003 Datasheet HTML 15Page - Semtech Corporation SH3003 Datasheet HTML 16Page - Semtech Corporation SH3003 Datasheet HTML 17Page - Semtech Corporation SH3003 Datasheet HTML 18Page - Semtech Corporation SH3003 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
15
SH3003
POWER MANAGEMENT
Application Information (continued)
Programmable Spectrum Spreading (continued)
Setting
Spreading
Bandwidth kHz
Peak EMI Reduction
(guaranteed db)
Peak EMI Reduction
(measured db)
En
CFG1 CFG0
0x
x
Off
0
0
10
0
32
-3
-3
10
1
64
-6
-7
1
1
0
128
-9
-10
1
1
1
256
-12
-15
Table 2 - EMI reduction with Spectrum Spreading
Spectrum Spreading is created by varying the frequency of the HF oscillator with a pseudo-random sequence (with
a zero-average DC component). The Maximum-Length Sequence (MLS) 8-bit random number generator, clocked by
32.768kHz, is used. Only four, five, six, or seven bits of the generated 8-bit random number are used, according to the
configuration setting.
Maximum fluctuations of the frequency depend on the selected frequency range and the position within the range.
Selecting the HF oscillator frequency to be near the high end of the range limits the peak variations to 0.1%, ±0.2%,
±0.4%, or ±0.8% (corresponding to the configuration setting).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com