Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 4 Page - Semtech Corporation

  SC900 Datasheet HTML 1Page - Semtech Corporation SC900 Datasheet HTML 2Page - Semtech Corporation SC900 Datasheet HTML 3Page - Semtech Corporation SC900 Datasheet HTML 4Page - Semtech Corporation SC900 Datasheet HTML 5Page - Semtech Corporation SC900 Datasheet HTML 6Page - Semtech Corporation SC900 Datasheet HTML 7Page - Semtech Corporation SC900 Datasheet HTML 8Page - Semtech Corporation SC900 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
Electrical Characteristics (Cont.)
Unless otherwise noted: V
IN = 3.7V, EN = VIN, TA = -40 to 85°C. Typical values are at TA = +25°C.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
Y
L
P
P
U
S
O
/I
L
A
T
I
G
I
D
(
B
r
o
t
a
l
u
g
e
R
O
D
L
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
OA
O
V
B
V
5
4
.
1
≤ V
T
U
O
≤
V
0
0
.
3
V
T
U
O
V
5
1
.
0
+
≤ V
N
I ≤
V
5
.
5
I
T
U
O
T
,
A
m
1
=
A
5
2
=
O
C
3
-3
+%
t
a
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
1
0
1
1
=
C
A
D
(
V
0
8
.
2
S
A
O
V
B
I
T
U
O
A
m
1
=2
-2
+%
I
T
U
O
V
,
A
m
0
5
1
=
T
U
O
V
5
.
0
+
≤ V
N
I
≤
V
5
.
55
.
3
-5
.
3
+%
t
n
e
r
r
u
C
t
u
p
t
u
O
m
u
m
i
x
a
MX
A
M
O
I
B
0
5
1A
m
N
O
:
g
n
it
t
e
S
tl
u
a
f
e
DO
V
B
0
8
.
2V
V
0
8
.
2
n
o
it
a
l
u
g
e
R
e
n
i
LG
E
R
E
N
I
L
B
I
T
U
O
V
,
A
m
1
=
T
U
O
V
5
1
.
0
+
≤ V
N
I
≤
V
5
.
55
.
22
1V
m
V
0
8
.
2
t
a
n
o
it
a
l
u
g
e
R
d
a
o
LG
E
R
D
A
O
L
B
I
<
A
m
1
T
U
O
A
m
0
5
1
<3
-0
2
-V
m
C
r
o
t
a
l
u
g
e
R
O
D
L
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
OA
O
V
C
V
5
4
.
1
≤ V
T
U
O
≤
V
0
0
.
3
V
T
U
O
V
5
1
.
0
+
≤ V
N
I ≤
V
5
.
5
I
T
U
O
T
,
A
m
1
=
A
5
2
=
O
C
3
-3
+%
t
a
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
1
1
0
1
=
C
A
D
(
V
0
6
.
2
S
A
O
V
C
I
T
U
O
A
m
1
=2
-2
+%
I
T
U
O
V
,
A
m
0
5
1
=
T
U
O
V
5
.
0
+
≤ V
N
I
≤
V
5
.
55
.
3
-5
.
3
+%
t
n
e
r
r
u
C
t
u
p
t
u
O
m
u
m
i
x
a
MX
A
M
O
I
C
0
5
1
A
m
N
O
:
g
n
it
t
e
S
tl
u
a
f
e
DO
V
C
0
6
.
2
V
V
0
6
.
2
t
a
n
o
it
a
l
u
g
e
R
e
n
i
LG
E
R
E
N
I
L
C
I
T
U
O
V
,
A
m
1
=
T
U
O
V
<
V
5
1
.
0
+
N
I
V
5
.
5
<
5
.
22
1
V
m
V
0
6
.
2
t
a
n
o
it
a
l
u
g
e
R
d
a
o
L
G
E
R
D
A
O
L
C
I
<
A
m
1
T
U
O
A
m
0
5
1
<
3
-0
2
-
V
m
D
r
o
t
a
l
u
g
e
R
O
D
L
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
OA
O
V
D
V
5
4
.
1
≤ V
T
U
O
≤
V
0
0
.
3
V
T
U
O
V
5
1
.
0
+
≤ V
N
I ≤
V
5
.
5
I
T
U
O
T
,
A
m
1
=
A
5
2
=
O
C
3
-3
+%
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
1
0
1
1
=
C
A
D
(
V
0
8
.
2
t
a
S
A
O
V
D
I
T
U
O
A
m
1
=2
-2
+%
I
T
U
O
V
,
A
m
0
5
1
=
T
U
O
V
5
.
0
+
≤ V
N
I
≤
V
5
.
55
.
3
-5
.
3
+%
t
n
e
r
r
u
C
t
u
p
t
u
O
m
u
m
i
x
a
MX
A
M
O
I
D
0
5
1
A
m
F
F
O
:
g
n
it
t
e
S
tl
u
a
f
e
DO
V
D
0
8
.
2V
V
0
8
.
2
t
a
n
o
it
a
l
u
g
e
R
e
n
i
LG
E
R
E
N
I
L
D
I
T
U
O
V
,
A
m
1
=
T
U
O
V
<
V
5
1
.
0
+
N
I
V
5
.
5
<5
.
22
1V
m
V
0
8
.
2
t
a
n
o
it
a
l
u
g
e
R
d
a
o
L
G
E
R
D
A
O
L
D
I
<
A
m
1
T
U
O
A
m
0
5
1
<
3
-0
2
-
V
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com