Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC900 Datasheet HTML 14Page - Semtech Corporation SC900 Datasheet HTML 15Page - Semtech Corporation SC900 Datasheet HTML 16Page - Semtech Corporation SC900 Datasheet HTML 17Page - Semtech Corporation SC900 Datasheet HTML 18Page - Semtech Corporation SC900 Datasheet HTML 19Page - Semtech Corporation SC900 Datasheet HTML 20Page - Semtech Corporation SC900 Datasheet HTML 21Page - Semtech Corporation SC900 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
Typical Characteristics
Dropout Voltage (LDOA)
0
20
40
60
80
100
120
140
160
180
0
25
50
75
100
125
150
175
200
Load Current (mA)
TA = 25°C
TA = -40°C
TA = 85°C
Dropout Voltage (LDOB-E)
0
20
40
60
80
100
120
140
160
180
0
255075
100
125
150
Load Current (mA)
TA = 25°C
TA = -40°C
TA = 85°C
Line Regulation (LDOA-E)
VIN(MIN) < VIN < 5.5V
0
1
2
3
4
5
6
7
1.4
1.6
1.822.2
2.4
2.6
2.83
Output Voltage (V)
Load Regulation (LDOA-E)
TA = 25°C, VIN = 3.7V
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0
255075
100
125
150
Load Current (mA)
Output Noise vs. Load Current (LDOA-E)
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
200
Load Current (mA)
VOUT = 2.5V
VOUT = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com