Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC900 Datasheet HTML 8Page - Semtech Corporation SC900 Datasheet HTML 9Page - Semtech Corporation SC900 Datasheet HTML 10Page - Semtech Corporation SC900 Datasheet HTML 11Page - Semtech Corporation SC900 Datasheet HTML 12Page - Semtech Corporation SC900 Datasheet HTML 13Page - Semtech Corporation SC900 Datasheet HTML 14Page - Semtech Corporation SC900 Datasheet HTML 15Page - Semtech Corporation SC900 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
r
e
t
s
i
g
e
R
e
m
a
N
r
e
t
s
i
g
e
R
s
s
e
r
d
d
A
7
t
i
B6
t
i
B5
t
i
B4
t
i
B3
t
i
B2
t
i
B1
t
i
B0
t
i
B
A
O
D
L0
0
x
0X
X
e
v
it
c
A
n
w
o
d
t
u
h
S
N
O
=
1
F
F
O
=
0
s
e
d
o
C
e
g
a
tl
o
V
t
u
p
t
u
O
O
D
L
A
e
l
b
a
T
B
O
D
L1
0
x
0
C
O
D
L2
0
x
0
D
O
D
L3
0
x
0
E
O
D
L4
0
x
0
t
e
s
e
R
O
D
L
l
o
r
t
n
o
C
5
0
x
0n
i
P
D
G
P
O
D
L
ti
B
y
ti
r
a
l
o
P
t
e
s
e
R
n
i
P
T
S
R
A
ti
B
y
ti
r
a
l
o
P
t
e
s
e
R
s
ti
B
c
i
g
o
L
r
o
ti
n
o
M
D
G
P
O
D
Ls
ti
B
y
a
l
e
D
D
G
P
O
D
Ls
ti
B
y
a
l
e
D
t
e
s
e
R
)
A
(
O
D
L
l
o
r
t
n
o
C
ff
O
/
n
O
r
e
t
s
i
g
e
R
6
0
x
0X
X
X
l
o
r
t
n
o
C
F
F
O
/
N
O
E
O
D
L
l
o
r
t
n
o
C
F
F
O
/
N
O
D
O
D
L
l
o
r
t
n
o
C
F
F
O
/
N
O
C
O
D
L
l
o
r
t
n
o
C
F
F
O
/
N
O
B
O
D
L
l
o
r
t
n
o
C
F
F
O
/
N
O
A
O
D
L
1
0
10
10
10
1
0
N
O
F
F
O
N
O
F
F
ON
O
F
F
O
N
O
F
F
O
N
O
F
F
O
7
t
i
Bt
l
u
s
e
R6
t
i
Bt
l
u
s
e
R5
t
i
B4
t
i
Bt
l
u
s
e
R3
t
i
B2
t
i
Bt
l
u
s
e
R1
t
i
B0
t
i
Bt
l
u
s
e
R
y
ti
r
a
l
o
P
n
i
P
D
G
P
O
D
Ly
ti
r
a
l
o
P
n
i
P
T
S
R
Ac
i
g
o
L
r
o
ti
n
o
M
D
G
P
O
D
Ly
a
l
e
D
D
G
P
O
D
Ly
a
l
e
D
T
S
R
A
0li
a
F
r
e
w
o
P
:
h
g
i
H
d
o
o
G
r
e
w
o
P
:
w
o
L
0t
e
s
e
R
:
h
g
i
H
d
o
o
G
r
e
w
o
P
:
w
o
L
00
s
O
D
L
E
&
D
,
C
,
A
d
o
o
G
00
s
m
0
5
10
0
s
m
0
5
1
1
d
o
o
G
r
e
w
o
P
:
h
g
i
H
li
a
F
r
e
w
o
P
:
w
o
L
1
d
o
o
G
r
e
w
o
P
:
h
g
i
H
t
e
s
e
R
:
w
o
L
01
d
o
o
G
E
O
D
L0
1
s
m
0
0
1
01
s
m
0
5
10
d
o
o
G
C
O
D
L1
0
s
m
0
5
10
s
m
0
0
1
11
d
o
o
G
D
O
D
L1
1
s
m
01
1
s
m
0
SC900 Slave Address:
R
E
I
F
I
T
N
E
D
I
E
P
Y
T
E
C
I
V
E
DE
C
I
V
E
D
S
S
E
R
D
D
A
W
/
R
000
1
0
0
0
A
X
Applications Information (Cont.)
LDO Reset Control Logic Table (Defaults are in Bold)
LDO Reset Control Logic Table (Defaults are in Bold)
Layout Considerations
Layout is straightforward if you use the Gerber files on
page 21 as a reference. Notice that the input voltage
feed to the SC900 is on the bottom of the board and
vias connect this voltage track to the top of the board
and then to the SC900 itself. The input bypass can be
one 4.7µF capacitor, two 3.3µF capacitors, three 2.2µF
capacitors or five 1µF capacitors. The determining fac-
tor is how much copper is available on the input voltage
feed track and how much room is available. If the input
Notes:
Digital outputs are powered from INB, additionally LDOB must be on for operation of LDOPGD and ARST.
voltage track is very thin, then use five 1µF capacitors
placed very close to the input pins of the SC900. If the
input track is fairly thick, then you can use a single 4.7µF
capacitor at the beginning of the voltage feed track since
a wider track has less inductance per inch. The
SC900EVB has five 1µF capacitors, but these can be
replaced with one 4.7µF in place of C1 and opens in
place of C9, C14, C15, and C16 (see page 20 for de-
tails).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com