Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 3 Page - Semtech Corporation

  SC900 Datasheet HTML 1Page - Semtech Corporation SC900 Datasheet HTML 2Page - Semtech Corporation SC900 Datasheet HTML 3Page - Semtech Corporation SC900 Datasheet HTML 4Page - Semtech Corporation SC900 Datasheet HTML 5Page - Semtech Corporation SC900 Datasheet HTML 6Page - Semtech Corporation SC900 Datasheet HTML 7Page - Semtech Corporation SC900 Datasheet HTML 8Page - Semtech Corporation SC900 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
Electrical Characteristics (Cont.)
Unless otherwise noted: V
IN = 3.7V, EN = VIN, TA = -40 to 85°C. Typical values are at TA = +25°C.
s
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
c
(
y
r
t
i
u
c
r
i
C
g
n
i
s
a
i
B
d
n
a
e
c
n
e
r
e
f
e
R
r
o
ti
c
a
p
a
C
s
s
a
p
y
B
F
E
R
VF
E
R
V
C1
.
0F
µ
s
r
o
t
a
l
u
g
e
R
O
D
L
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QI
Q
s
e
t
a
t
s
tl
u
a
f
e
d
n
i
e
v
it
c
a
s
O
D
L
ll
A0
9
10
6
3A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
p
u
-
t
r
a
t
S
t
a
I
P
U
S
Q
s
e
t
a
t
s
tl
u
a
f
e
d
n
i
e
v
it
c
a
C
,
B
,
A
O
D
L
V
T
U
O
V
5
.
0
+< V
N
I <V
5
.
5
5
2
1A
µ
e
g
a
tl
o
V
t
u
o
p
o
r
D
E
,
D
,
C
,
B
O
D
L
A
O
D
L
V
D
V
T
U
O
I
,
V
0
.
3
=
T
U
O
A
m
1
=
V
T
U
O
I
,
V
0
.
3
=
T
U
O
A
m
0
5
=
V
T
U
O
I
,
V
0
.
3
=
T
U
O
A
m
0
5
1
=
1
.
1
0
5
0
5
1
4
6
0
9
1V
m
V
T
U
O
I
,
V
0
.
3
=
T
U
O
A
m
0
0
2
=0
0
20
5
2
ti
m
i
L
t
n
e
r
r
u
CI
M
I
L
0
5
20
1
40
5
6A
m
o
it
a
R
n
o
it
c
e
j
e
R
y
l
p
p
u
S
r
e
w
o
PR
R
S
P
C
,
z
H
k
1
-
z
H
0
1
=
f
P
Y
B
,
F
µ
1
.
0
=
I
T
U
O
A
m
0
5
=
V
5
.
2< V
T
U
O
<V
0
.
3
0
6B
d
e
s
i
o
N
e
g
a
tl
o
V
t
u
p
t
u
O
)
2
(
e
n
I
,
z
H
k
0
0
1
o
t
z
H
0
1
=
f
T
U
O
A
m
0
5
=
C
F
E
R
V
C
,
F
µ
1
.
0
=
T
U
O
F
µ
2
.
2
=
V
5
.
2
≤ V
T
U
O
≤
V
0
.
3
5
4s
m
r
V
µ
r
o
ti
c
a
p
a
C
s
s
a
p
y
BC
P
Y
B
R
S
E
w
o
l
,
c
i
m
a
r
e
C2
.
2F
µ
)
Y
L
P
P
U
S
E
R
O
C
(
A
r
o
t
a
l
u
g
e
R
O
D
L
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
OA
O
V
A
V
5
4
.
1
≤ V
T
U
O
≤
V
0
0
.
3
V
T
U
O
V
2
.
0
+
≤ V
N
I ≤
V
5
.
5
I
T
U
O
T
,
A
m
1
=
A
5
2
=
O
C
3
-3
+%
t
a
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
1
0
1
1
=
C
A
D
(
V
0
8
.
2
S
A
O
V
A
I
T
U
O
A
m
1
=
2
-2
+%
t
a
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
1
1
0
0
=
C
A
D
(
V
0
8
.
1
I
T
U
O
T
,
A
m
1
=
A
5
2
=
O
C
3
-3
+%
t
a
y
c
a
r
u
c
c
A
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
1
0
1
1
=
C
A
D
(
V
0
8
.
2
I
T
U
O
V
,
A
m
0
0
2
=
T
U
O
V
5
.
0
+
≤ V
N
I ≤
V
5
.
5
5
.
3
-5
.
3
+%
t
n
e
r
r
u
C
t
u
p
t
u
O
m
u
m
i
x
a
MX
A
M
O
I
A
0
0
2A
m
N
O
:
g
n
it
t
e
S
tl
u
a
f
e
DO
V
I
H
-
A
h
g
i
H
–
L
E
S
A
V0
8
.
2V
O
V
O
L
-
A
w
o
L
–
L
E
S
A
V0
8
.
1V
V
8
.
2
,
V
8
.
1
t
a
n
o
it
a
l
u
g
e
R
e
n
i
LG
E
R
E
N
I
L
A
I
T
U
O
V
,
A
m
1
=
T
U
O
V
<
V
2
.
0
+
N
I
V
5
.
5
<5
.
22
1V
m
V
8
.
2
,
V
8
.
1
t
a
n
o
it
a
l
u
g
e
R
d
a
o
LG
E
R
D
A
O
L
A
I
<
A
m
1
T
U
O
A
m
0
0
2
<3
-0
2
-V
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com