Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC900 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC900
Description  Programmable Penta ULDO with RESET and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC900 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC900 Datasheet HTML 10Page - Semtech Corporation SC900 Datasheet HTML 11Page - Semtech Corporation SC900 Datasheet HTML 12Page - Semtech Corporation SC900 Datasheet HTML 13Page - Semtech Corporation SC900 Datasheet HTML 14Page - Semtech Corporation SC900 Datasheet HTML 15Page - Semtech Corporation SC900 Datasheet HTML 16Page - Semtech Corporation SC900 Datasheet HTML 17Page - Semtech Corporation SC900 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC900
Applications Information (Cont.)
Supported Formats
Direct Format - Write
The simplest format for an I2C write is the direct format. After the start condition [S], the slave address is sent,
followed by an eighth bit indicating a write. The SC900 I2C then acknowledges that it is being addressed, and the
master responds with an 8-bit data byte consisting of the register address. The slave acknowledges and the
master sends the appropriate 8-bit data byte. Once again the slave acknowledges and the master terminates the
transfer with the stop condition [P].
Combined Format - Read
After the start condition [S], the slave address is sent, followed by an eighth bit indicating a write. The SC900 I2C
then acknowledges that it is being addressed, and the master responds with an 8-bit data byte consisting of the
register address. The slave acknowledges and the master sends the repeated start condition [Sr]. Once again the
slave address is sent, followed by an eighth bit indicating a read. The slave responds with an acknowledge and the
previously addressed 8-bit data byte. The master then sends a non-acknowledge (NACK). Finally, the master
terminates the transfer with the stop condition [P].
I2C Direct Format - Write
Register Address
S
S : Start Condition
W: Write = '0'
A : Acknowledge (sent by slave)
Sr: Repeated Start Condition
P : Stop Condition
Slave Address : 7 bit
Register Address : 8 bit
Data : 8 Bit
W
A
A
A
P
Slave Address
Data
I2C Combined Format - Read
S : Start Condition
W: Write = '0'
R : Read = '1'
A : Acknowledge (Sent by Slave)
B : Acknowledge (Sent by Master)
Sr: Repeated Start Condition
P : Stop Condition
Slave Address : 7 bit
Register Address : 8 bit
Data : 8 Bit
Slave Address
Register Address
S
W
A
A
Sr
Data
Slave Address R
A
B
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com